Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 78 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 78 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 74Page - Texas Instruments PCM5121 Datasheet HTML 75Page - Texas Instruments PCM5121 Datasheet HTML 76Page - Texas Instruments PCM5121 Datasheet HTML 77Page - Texas Instruments PCM5121 Datasheet HTML 78Page - Texas Instruments PCM5121 Datasheet HTML 79Page - Texas Instruments PCM5121 Datasheet HTML 80Page - Texas Instruments PCM5121 Datasheet HTML 81Page - Texas Instruments PCM5121 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 121 page
background image
78
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
RSV
Reserved
Reserved. Do not access.
PJDV[5:0]
PLL J
These bits set the J part of the overall PLL multiplication factor J.D * R. These bits are ignored in clock auto set
mode.
Default value: 000000
000000: Prohibited (do not set this value)
000001: J=1
000010: J=2
...
111111: J=63
Table 70. Page 0 / Register 22
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
22
16
RSV
RSV
PDDV13
PDDV12
PDDV11
PDDV10
PDDV9
PDDV8
Reset Value
0
0
0
0
0
0
Table 71. Page 0 / Register 23
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
23
17
PDDV7
PDDV6
PDDV5
PDDV4
PDDV3
PDDV2
PDDV1
PDDV0
Reset Value
0
0
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
PDDV[13:0]
PLL D (MSB)
These bits set the D part of the overall PLL multiplication factor J.D * R. These bits are ignored in clock auto
set mode.
Default value: 00000000000000
0 (in decimal): D=0000
1 (in decimal): D=0001
...
9999 (in decimal): D=9999
others: Prohibited (do not set)
Table 72. Page 0 / Register 24
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
24
18
RSV
RSV
RSV
RSV
PRDV3
PRDV2
PRDV1
PRDV0
Reset Value
0
0
0
0
RSV
Reserved
Reserved. Do not access.
PRDV[3:0]
PLL R
These bits set the R part of the overall PLL multiplication factor J.D * R. These bits are ignored in clock auto
set mode.
Default value: 0000
0000: R=1
0001: R=2
...
1111: R=16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com