Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 71 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 67Page - Texas Instruments PCM5121 Datasheet HTML 68Page - Texas Instruments PCM5121 Datasheet HTML 69Page - Texas Instruments PCM5121 Datasheet HTML 70Page - Texas Instruments PCM5121 Datasheet HTML 71Page - Texas Instruments PCM5121 Datasheet HTML 72Page - Texas Instruments PCM5121 Datasheet HTML 73Page - Texas Instruments PCM5121 Datasheet HTML 74Page - Texas Instruments PCM5121 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 121 page
background image
71
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table 53. Register Map Summary (continued)
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
82
52
RSV
RSV
RSV
G3SL4
G3SL3
G3SL2
G3SL1
G3SL0
83
53
RSV
RSV
RSV
G4SL4
G4SL3
G4SL2
G4SL1
G4SL0
84
54
RSV
RSV
RSV
G5SL4
G5SL3
G5SL2
G5SL1
G5SL0
85
55
RSV
RSV
RSV
G6SL4
G6SL3
G6SL2
G6SL1
G6SL0
86
56
RSV
RSV
GOUT5
GOUT4
GOUT3
GOUT2
GOUT1
GOUT0
87
57
RSV
RSV
GINV5
GINV4
GINV3
GINV2
GINV1
GINV0
90
5A
RSV
RSV
RSV
L1OV
R1OV
L2OV
R2OV
SFOV
91
5B
RSV
DTFS2
DTFS1
DTFS0
DTSR3
DTSR2
DTSR1
DTSR0
92
5C
RSV
RSV
RSV
RSV
RSV
RSV
RSV
DTBR8
93
5D
DTBR7
DTBR6
DTBR5
DTBR4
DTBR3
DTBR2
DTBR1
DTBR0
94
5E
RSV
CDST
PLL-L
LrckBck
fS-SCKr
SCKval
BCKval
fSval
95
5F
RSV
RSV
RSV
LTSH
RSV
CKMF
CSRF
CERF
108
6C
RSV
RSV
RSV
RSV
RSV
RSV
AMLM
AMRM
109
6D
RSV
RSV
RSV
SDTM
RSV
RSV
RSV
SHTM
114
72
RSV
RSV
RSV
RSV
RSV
RSV
MTST1
MTST0
115
73
RSV
RSV
RSV
RSV
RSV
RSV
FSMM1
FSMM0
118
76
BOTM
RSV
RSV
RSV
PSTM3
PSTM2
PSTM1
PSTM0
119
77
RSV
RSV
GPIN5
GPIN4
GPIN3
GPIN2
GPIN1
RSV
120
78
RSV
RSV
RSV
AMFL
RSV
RSV
RSV
AMFR
121
79
RSV
RSV
RSV
RSV
RSV
RSV
RSV
DAMD
122
7A
RSV
RSV
RSV
RSV
RSV
RSV
RSV
EIFM
123
7B
RSV
G1MC2
G1MC1
G1MC0
RSV
G2MC2
G2MC1
G2MC0
124
7C
RSV
G3MC2
G3MC1
G3MC0
RSV
G4MC2
G4MC1
G4MC0
125
7D
RSV
G5MC2
G5MC1
G5MC0
RSV
G6MC2
G6MC1
G6MC0
Page 1
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
1
01
RSV
RSV
RSV
RSV
RSV
RSV
RSV
OSEL
2
02
RSV
RSV
RSV
LAGN
RSV
RSV
RSV
RAGN
5
05
RSV
RSV
RSV
RSV
RSV
RSV
UEPD
UIPD
6
06
RSV
RSV
RSV
RSV
RSV
RSV
RSV
AMCT
7
07
RSV
RSV
RSV
AGBL
RSV
RSV
RSV
AGBR
8
08
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RCMF
9
09
RSV
RSV
RSV
RSV
RSV
RSV
RSV
VCPD
Page 44
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
1
01
RSV
RSV
RSV
RSV
ACRM
AMDC
ACRS
ACSW
Page 253
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
63
3F
PLLFLEX17 PLLFLEX16 PLLFLEX15 PLLFLEX14 PLLFLEX13 PLLFLEX12 PLLFLEX11 PLLFLEX10
64
40
PLLFLEX27 PLLFLEX26 PLLFLEX25 PLLFLEX24 PLLFLEX23 PLLFLEX22 PLLFLEX21 PLLFLEX20
12.1.1.2
Page 0 Registers
Table 54. Page 0 / Register 1
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
1
01
RSV
RSV
RSV
RSTM
RSV
RSV
RSV
RSTR
Reset Value
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com