Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 97 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 97 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 93Page - Texas Instruments PCM5121 Datasheet HTML 94Page - Texas Instruments PCM5121 Datasheet HTML 95Page - Texas Instruments PCM5121 Datasheet HTML 96Page - Texas Instruments PCM5121 Datasheet HTML 97Page - Texas Instruments PCM5121 Datasheet HTML 98Page - Texas Instruments PCM5121 Datasheet HTML 99Page - Texas Instruments PCM5121 Datasheet HTML 100Page - Texas Instruments PCM5121 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 121 page
background image
97
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Table 112. Page 0 / Register 115
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
115
73
RSV
RSV
RSV
RSV
RSV
RSV
FSMM1
FSMM0
Reset Value
RSV
Reserved
Reserved. Do not access.
FSMM[1:0]
FS Speed Mode Monitor (Read Only)
These bits indicate the actual FS operation mode being used. The actual value is the auto set one when clock
auto set is active and register set one when clock auto set is disabled.
00: Single speed (FS
≤ 48 kHz)
01: Double speed (48 kHz < FS
≤ 96 kHz)
10: Quad speed (96 kHz < FS
≤ 192 kHz)
11: Octal speed (192 kHz < FS
≤ 384 kHz)
Table 113. Page 0 / Register 118
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
118
76
BOTM
RSV
RSV
RSV
PSTM3
PSTM2
PSTM1
PSTM0
Reset Value
RSV
Reserved
Reserved. Do not access.
BOTM
DSP Boot Done Flag (Read Only)
This bit indicates whether the DSP boot is completed.
0: DSP is booting
1: DSP boot completed
PSTM[3:0]
Power State (Read Only)
These bits indicate the current power state of the DAC.
0000: Powerdown
0001: Wait for CP voltage valid
0010: Calibration
0011: Calibration
0100: Volume ramp up
0101: Run (Playing)
0110: Line output short / Low impedance
0111: Volume ramp down
1000: Standby
Table 114. Page 0 / Register 119
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
119
77
RSV
RSV
GPIN5
GPIN4
GPIN3
GPIN2
GPIN1
RSV
Reset Value
RSV
Reserved
Reserved. Do not access.
GPIN[5:0]
GPIO Input States (Read Only)
This bit indicates the logic level at GPIO6 pin.
0: Low
1: High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com