Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 62 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 62 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 58Page - Texas Instruments PCM5121 Datasheet HTML 59Page - Texas Instruments PCM5121 Datasheet HTML 60Page - Texas Instruments PCM5121 Datasheet HTML 61Page - Texas Instruments PCM5121 Datasheet HTML 62Page - Texas Instruments PCM5121 Datasheet HTML 63Page - Texas Instruments PCM5121 Datasheet HTML 64Page - Texas Instruments PCM5121 Datasheet HTML 65Page - Texas Instruments PCM5121 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 121 page
background image
PCM5xxx
Audio DAC
Linear
Regulator
3.3V
10 F
GND
GND
SMPS
6V
GND
XSMT
110V / 220V
MCU GPIO
“mute” signal
62
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
Recommended Powerdown Sequence (continued)
Figure 80. Using the XSMT Pin
10.3 External Power Sense Undervoltage Protection Mode
NOTE
External Power Sense Undervoltage Protection Mode is supported only when
DVDD = 3.3 V.
The XSMT pin can also be used to monitor a system voltage, such as the 24-VDC LCD TV backlight, or 12-VDC
system supply using a voltage divider created with two resistors. (See Figure 81.)
•
If the XSMT pin makes a transition from 1 to 0 over 6 ms or more, the device switches into external
undervoltage protection mode. This mode uses two trigger levels:
–
When the XSMT pin level reaches 2 V, soft mute process begins.
–
When the XSMT pin level reaches 1.2 V, analog mute engages, regardless of digital audio level, and
analog shutdown begins. (DAC and related circuitry powers down).
If XSMT is moved from 1 to 0 in 20 ns or less, then the device will interpret it as a digital controlled request to
mute. It will perform a soft mute, then move to standby.
A timing diagram to show this is shown in Figure 82.
NOTE
The XSMT input pin voltage range is from –0.3 V to DVDD + 0.3 V. The ratio of external
resistors must produce a voltage within this input range. Any increase in power supply
(such as power supply positive noise or ripple) can pull the XSMT pin higher than DVDD +
0.3 V.
For example, if the PCM512x is monitoring a 12-V input, and dividing the voltage by 4, then the voltage at XSMT
during ideal power supply conditions is 3.3 V. A voltage spike higher than 14.4 V causes a voltage greater than
3.6 V (DVDD + 0.3) on the XSMT pin, potentially damaging the device.
Providing the divider is set appropriately, any DC voltage can be monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com