Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 77 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 77 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 73Page - Texas Instruments PCM5121 Datasheet HTML 74Page - Texas Instruments PCM5121 Datasheet HTML 75Page - Texas Instruments PCM5121 Datasheet HTML 76Page - Texas Instruments PCM5121 Datasheet HTML 77Page - Texas Instruments PCM5121 Datasheet HTML 78Page - Texas Instruments PCM5121 Datasheet HTML 79Page - Texas Instruments PCM5121 Datasheet HTML 80Page - Texas Instruments PCM5121 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 121 page
background image
77
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
RSV
Reserved
Reserved. Do not access.
GREF[2:0]
GPIO Source for PLL reference clk
These bits select the GPIO pins as clock input source when GPIO is selected as the PLL reference clock
source.
Default value: 000
This register requires use of the Clock Flex Register.000: GPIO1
001: GPIO2
010: GPIO3
011: GPIO4
100: GPIO5
101: GPIO6
others: Reserved (muted)
Table 67. Page 0 / Register 19
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
19
13
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RQSY
Reset Value
0
RSV
Reserved
Reserved. Do not access.
RQSY
Sync request
This bit, when set to 1 will issue the clock resynchronization by synchronously resets the DAC, CP and OSR
clocks. The actual clock resynchronization takes place when this bit is set back to 0, where the DAC, CP and
OSR clocks are resumed at the beginning of the audio frame.
Default value: 0
0: Resume DAC, CP and OSR clocks synchronized to the beginning of audio frame
1: Halt DAC, CP and OSR clocks as the beginning of resynchronization process
Table 68. Page 0 / Register 20
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
20
14
RSV
RSV
RSV
RSV
PPDV3
PPDV2
PPDV1
PPDV0
Reset Value
0
0
0
0
RSV
Reserved
Reserved. Do not access.
PPDV[3:0]
PLL P
These bits set the PLL divider P factor. These bits are ignored in clock auto set mode.
Default value: 0000
0000: P=1
0001: P=2
...
1110: P=15
1111: Prohibited (do not set this value)
Table 69. Page 0 / Register 21
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
21
15
RSV
RSV
PJDV5
PJDV4
PJDV3
PJDV2
PJDV1
PJDV0
Reset Value
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com