Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 84 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 84 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 80Page - Texas Instruments PCM5121 Datasheet HTML 81Page - Texas Instruments PCM5121 Datasheet HTML 82Page - Texas Instruments PCM5121 Datasheet HTML 83Page - Texas Instruments PCM5121 Datasheet HTML 84Page - Texas Instruments PCM5121 Datasheet HTML 85Page - Texas Instruments PCM5121 Datasheet HTML 86Page - Texas Instruments PCM5121 Datasheet HTML 87Page - Texas Instruments PCM5121 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 121 page
background image
84
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
00011: High attenuation x8/x4/x2 interpolation filter with de-emphasis
00100: Reserved
00101: Fixed process flow with configurable parameters
00110: Reserved (do not set)
00111: 8x Ringing-less low latency FIR interpolation filter without de-emphasis
11111: Reserved (do not set)
others: Reserved (do not set)
Table 87. Page 0 / Register 44
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
44
2C
RSV
RSV
RSV
RSV
RSV
CMDP2
CMDP1
CMDP0
Reset Value
0
0
0
RSV
Reserved
Reserved. Do not access.
CMDP[2:0]
Clock Missing Detection Period
These bits set how long both BCK and LRCK keep low before the audio clocks deemed missing and the DAC
transitions to powerdown mode.
Default value: 000
000: about 1 second
001: about 2 seconds
010: about 3 seconds
...
111: about 8 seconds
Table 88. Page 0 / Register 59
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
59
3B
RSV
AMTL2
AMTL1
AMTL0
RSV
AMTR2
AMTR1
AMTR0
Reset Value
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
AMTL[2:0]
Auto Mute Time for Left Channel
These bits specify the length of consecutive zero samples at left channel before the channel can be auto
muted. The times shown are for 48 kHz sampling rate and will scale with other rates.
Default value: 000
000: 21 ms
001: 106 ms
010: 213 ms
011: 533 ms
100: 1.07 sec
101: 2.13 sec
110: 5.33 sec
111: 10.66 sec
AMTR[2:0]
Auto Mute Time for Right Channel
These bits specify the length of consecutive zero samples at right channel before the channel can be auto
muted. The times shown are for 48 kHz sampling rate and will scale with other rates.
Default value: 000
000: 21 ms
001: 106 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com