Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 13Page - Texas Instruments TLV7031 Datasheet HTML 14Page - Texas Instruments TLV7031 Datasheet HTML 15Page - Texas Instruments TLV7031 Datasheet HTML 16Page - Texas Instruments TLV7031 Datasheet HTML 17Page - Texas Instruments TLV7031 Datasheet HTML 18Page - Texas Instruments TLV7031 Datasheet HTML 19Page - Texas Instruments TLV7031 Datasheet HTML 20Page - Texas Instruments TLV7031 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
6 Detailed Description
6.1 Overview
The TLV703x and TLV704x are nano-power comparators with push-pull and open-drain outputs. Operating
from 1.6V to 6.5V and consuming only 315nA, the TLV703x and TLV704x are designed for portable and
industrial applications. The TLV703x and TLV704x are available in a variety of leadless and leaded packages to
offer significant board space saving in space-challenged designs. The TLV70x1S and TLV70x1L offer alternate
pinouts with an exteded 1.2V minimum supply.
6.2 Functional Block Diagram
OUT
+
-
IN+
IN-
Bias
Power-on-reset
VCC
VEE
6.3 Feature Description
The TLV703x and TLV704x devices are nanoPower comparators that are capable of operating at low voltages.
The TLV703x and TLV704x feature a rail-to-rail input stage capable of operating up to 100mV beyond the VCC
power supply rail. The TLV703x (push-pull) and TLV704x (open-drain) also feature internal hysteresis.
6.4 Device Functional Modes
The TLV703x and TLV704x have a power-on-reset (POR) circuit. While the power supply (VS) is less than the
minimum supply voltage, either upon ramp-up or ramp-down, the POR circuitry is activated.
For the TLV703x, the POR circuit holds the output low (at VEE) while activated.
For the TLV704x, the POR circuit keeps the output high impedance (logical high) while activated.
When the supply voltage is greater than, or equal to, the minimum supply voltage, the comparator output reflects
the state of the differential input (VID).
www.ti.com
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com