Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 3 Page - Texas Instruments

  TLV7031 Datasheet HTML 1Page - Texas Instruments TLV7031 Datasheet HTML 2Page - Texas Instruments TLV7031 Datasheet HTML 3Page - Texas Instruments TLV7031 Datasheet HTML 4Page - Texas Instruments TLV7031 Datasheet HTML 5Page - Texas Instruments TLV7031 Datasheet HTML 6Page - Texas Instruments TLV7031 Datasheet HTML 7Page - Texas Instruments TLV7031 Datasheet HTML 8Page - Texas Instruments TLV7031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
4 Pin Configuration and Functions
4.1 Pin Functions: TLV7031/41 Singles including "S" and "L" options
1
2
3
4
5
IN-
V
CC
IN+
OUT
V
EE
Figure 4-1.
TLV70x1
"North West" Pinout
DBV, DCK, Packages,
SOT-23-5, SC-70-5
Top View
1
2
3
4
5
IN-
IN+
V
CC
OUT
V
EE
Figure 4-2.
TLV70x1S
"South East" Pinout
DBV, DCK Packages,
SOT-23-5, SC-70-5
Top View
1
2
3
4
5
IN-
V
EE
IN+
OUT
V
CC
Figure 4-3.
TLV70x1L(2)
"TLV/LMC72xx type" Pinout
with reversed supplies
DBV Package,
SOT-23-5
Top View
1
OUT
2
V
CC
3
V
EE
4
IN
±
5
IN+
Not to scale
Figure 4-4.
TLV70x1
5-Pin X2SON
Top View
Table 4-1. Pin Functions
NAME
TLV7031,
TLV7041
TLV7031S,
TLV7041S
TLV7031L,
TLV7041L(2)
I/O(1)
DESCRIPTION
PINS
PINS
PINS
SOT-23,
SC-70
X2SON(3)
SOT-23,
SC-70
SOT-23
OUT
1
1
4
1
O
Output
V-
2
3
2
5
-
Negative Supply Voltage
IN+
3
5
1
3
I
Non-Inverting (+) Input
IN-
4
4
3
4
I
Inverting (-) Input
V+
5
2
5
2
-
Positive Supply Voltage
(1)
I = Input, O = Output
(2)
The "L" pinout option is provided to replace the LMC72xx and TLV7211 in legacy designs and is not inteded for new designs. The
TLV70x1 or TLV70x1S is recommeded for new designs.
(3)
The application report Designing and Manufacturing With TI's X2SON Packages (SCEA055) provides more details to optimize PCB
designs.
www.ti.com
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com