Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 1 Page - Texas Instruments

  TLV7031 Datasheet HTML 1Page - Texas Instruments TLV7031 Datasheet HTML 2Page - Texas Instruments TLV7031 Datasheet HTML 3Page - Texas Instruments TLV7031 Datasheet HTML 4Page - Texas Instruments TLV7031 Datasheet HTML 5Page - Texas Instruments TLV7031 Datasheet HTML 6Page - Texas Instruments TLV7031 Datasheet HTML 7Page - Texas Instruments TLV7031 Datasheet HTML 8Page - Texas Instruments TLV7031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
1 Features
• Ultra-small X2SON, WSON, WQFN packages
• Wide supply voltage range of 1.6V to 6.5V
• Quiescent supply current of 315nA
• Low propagation delay of 3µs
• Rail-to-rail common-mode input voltage
• Internal hysteresis
• Push-pull output (TLV703x)
• Open-drain output (TLV704x)
• No phase reversal for overdriven inputs
• "S" and "L" alternate pinouts with 1.2V min supply
• –40°C to 125°C Operating temperature
2 Applications
• Mobile phones and tablets
• Headsets/headphones & earbuds
• PC & notebooks
• Gas Detector
• Smoke & heat detector
• Motion Detector
• Gas Meter
• Servo drive position sensor
3 Description
The TLV7031/41 (single-channel), TLV7032/42 (dual-
channel), and TLV7034/44 (quad-channel) are low-
voltage, nanoPower comparators. These devices are
available in an ultra-small, leadless packages as
well as standard 5-pin SC70, SOT-23, VSSOP, and
TSSOP packages, making them applicable for space-
critical designs like smartphones, smart meters, and
other portable or battery-powered applications.
The TLV703x and TLV704x offer an excellent
combination of speed and power, with a propagation
delay of 3μs and a quiescent supply current of 315nA.
The benefit of fast response time at nanoPower
enables power-conscious systems to monitor and
respond quickly to fault conditions. With an operating
voltage range of 1.6V to 6.5V, these comparators are
compatible with 3V and 5V systems.
The TLV703x and TLV704x is designed for no output
phase inversion with overdriven inputs and internal
hysteresis, so engineers can use this family of
comparators for precision voltage monitoring in harsh,
noisy environments where slow-moving input signals
must be converted into clean digital outputs.
The TLV703x has a push-pull output stage capable
of sinking and sourcing milliamps of current when
controlling an LED or driving a capacitive load. The
TLV704x has an open-drain output stage that can be
pulled beyond VCC, making the device an excellent
chice for level translators and bipolar to single-ended
converters. The "S" and "L" options are alternate
single pinouts with 1.2 minimum supply voltage.
Device Information
PART NUMBERS
PACKAGE (PINS)
(1)
BODY SIZE (NOM)
(2)
TLV7031, TLV7041
SOT-23 (5)
2.90mm × 1.60mm
SC70 (5)
2.00mm × 1.25mm
X2SON (5)
0.80mm × 0.80mm
TLV7031L, TLV7041L SOT-23 (5)
2.90mm × 1.60mm
TLV7031S, TLV7041S
SC70 (5)
2.00mm × 1.25mm
SOT-23 (5)
2.90mm × 1.60mm
TLV7032, TLV7042
VSSOP (8)
3.00mm x 3.00mm
SOT-23 (8)
2.90mm x 1.60mm
WSON (8)
2.00mm x 2.00mm
TLV7034, TLV7044
WQFN (16)
3.00mm x 3.00mm
TSSOP (14)
4.40mm x 5.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
US dime (18x18x1.35 mm3)
5-Pin X2SON
5-Lead SC70
X2SON Package vs SC70 and US Dime
VCC (V)
1.5
2.5
3.5
4.5
5.5
6.5
0
0.1
0.2
0.3
0.4
0.5
0.6
Temp -40°C
Temp 25°C
Temp 125°C
ICC vs. Supply Voltage for Dual
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV7031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7031 TI1-TLV7031 Datasheet
920Kb / 35P
Micro-Package, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 33P
Small-Size, Micro-Power, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 34P
Small Size, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 38P
Small-size, micro-power, low-voltage comparators
TLV7031 TI1-TLV7031 Datasheet
1Mb / 42P
Small Size, Nanopower, Low-Voltage Comparators
More results

Similar Description - TLV7031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7031 TI1-TLV7031_18 Datasheet
1Mb / 34P
Small Size, nanoPower, Low-Voltage Comparators
TLV7031 TI1-TLV7031_19 Datasheet
1Mb / 42P
Small Size, Nanopower, Low-Voltage Comparators
TLV7031_1904 TI1-TLV7031_1904 Datasheet
1Mb / 45P
TLV703x and TLV704x Small Size, Nanopower, Low-Voltage Comparators
TLV7031 TI1-TLV7031_V01 Datasheet
1Mb / 45P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V02 Datasheet
2Mb / 51P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V03 Datasheet
2Mb / 51P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031 TI-TLV7031_V04 Datasheet
4Mb / 60P
TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
TLV7031-Q1 TI-TLV7031-Q1_V01 Datasheet
2Mb / 40P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
TLV7031-Q1 TI-TLV7031-Q1_V02 Datasheet
2Mb / 42P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED OCTOBER 2021
TLV7031-Q1 TI1-TLV7031-Q1_V03 Datasheet
1Mb / 46P
TLV703x-Q1 and TLV704x-Q1 Rail-to-Rail, Low-Power Comparators
REVISED FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com