Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 5 Page - Texas Instruments

  TLV7031 Datasheet HTML 1Page - Texas Instruments TLV7031 Datasheet HTML 2Page - Texas Instruments TLV7031 Datasheet HTML 3Page - Texas Instruments TLV7031 Datasheet HTML 4Page - Texas Instruments TLV7031 Datasheet HTML 5Page - Texas Instruments TLV7031 Datasheet HTML 6Page - Texas Instruments TLV7031 Datasheet HTML 7Page - Texas Instruments TLV7031 Datasheet HTML 8Page - Texas Instruments TLV7031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
4.3 Pin Functions: TLV7034/44 Quad
1
OUT A
14
OUT D
2
±IN A
13
±IN D
3
+IN A
12
+IN D
4
VCC
11
VEE
5
+IN B
10
+IN C
6
±IN B
9
±IN C
7
OUT B
8
OUT C
Not to scale
Figure 4-7.
TLV7034/44
PW Packages
14-Pin TSSOP
Top View
1
+IN A
12
+IN D
2
VCC
11
VEE
3
NC
10
NC
4
+IN B
9
+IN C
(TOP view,
not to scale)
Thermal
Pad
A.
Connect thermal pad to V–.
Figure 4-8.
TLV7034/44
RTE Package
16-Pin WQFN With Exposed Thermal Pad
Top View
Table 4-3. Pin Functions
PIN
I/O
DESCRIPTION
NAME
TSSOP
WQFN
–IN1 A
2
16
I
Inverting input, channel A
+IN A
3
1
I
Noninverting input, channel A
–IN B
6
5
I
Inverting input, channel B
+IN B
5
4
I
Noninverting input, channel B
–IN C
9
8
I
Inverting input, channel C
+IN C
10
9
I
Noninverting input, channel C
–IN D
13
13
I
Inverting input, channel D
+IN D
12
12
I
Noninverting input, channel D
NC
—
3, 10
—
No internal connection
OUT A
1
15
O
Output, channel A
OUT B
7
6
O
Output, channel B
OUT C
8
7
O
Output, channel C
OUT D
14
14
O
Output, channel D
VEE
11
11
—
Negative (lowest) supply or ground (for single-supply operation)
VCC
4
2
—
Positive (highest) supply
www.ti.com
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com