Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 18Page - Texas Instruments TLV7031 Datasheet HTML 19Page - Texas Instruments TLV7031 Datasheet HTML 20Page - Texas Instruments TLV7031 Datasheet HTML 21Page - Texas Instruments TLV7031 Datasheet HTML 22Page - Texas Instruments TLV7031 Datasheet HTML 23Page - Texas Instruments TLV7031 Datasheet HTML 24Page - Texas Instruments TLV7031 Datasheet HTML 25Page - Texas Instruments TLV7031 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
7.2 Typical Applications
7.2.1 Window Comparator
Window comparators are commonly used to detect undervoltage and overvoltage conditions. Figure 7-3 shows a
simple window comparator circuit.
+
Micro-
Controller
UV_OV
+
3.3V
Sensor
R1
R2
R3
RPU
Figure 7-3. TLV704x-Based Window Comparator
7.2.1.1 Design Requirements
For this design, follow these design requirements:
• Alert (logic low output) when an input signal is less than 1.1V
• Alert (logic low output) when an input signal is greater than 2.2V
• Alert signal is active low
• Operate from a 3.3V power supply
7.2.1.2 Detailed Design Procedure
Configure the circuit as shown in Figure 7-3. Connect VCC to a 3.3V power supply and VEE to ground. Make R1,
R2, and R3 each 10MΩ resistors. These three resistors are used to create the positive and negative thresholds
for the window comparator (VTH+ and VTH–). With each resistor being equal, VTH+ is 2.2V and VTH- is 1.1V. Large
resistor values such as 10MΩ are used to minimize power consumption. The sensor output voltage is applied to
the inverting and noninverting inputs of the two TLV704x devices. The TLV704x is used for the open-drain output
configuration. Using the TLV704x allows the two comparator outputs to be wire-ored together. The respective
comparator outputs are low when the sensor is less than 1.1V or greater than 2.2V. VOUT is high when the
sensor is in the range of 1.1V to 2.2V.
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com