Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 24 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 20Page - Texas Instruments TLV7031 Datasheet HTML 21Page - Texas Instruments TLV7031 Datasheet HTML 22Page - Texas Instruments TLV7031 Datasheet HTML 23Page - Texas Instruments TLV7031 Datasheet HTML 24Page - Texas Instruments TLV7031 Datasheet HTML 25Page - Texas Instruments TLV7031 Datasheet HTML 26Page - Texas Instruments TLV7031 Datasheet HTML 27Page - Texas Instruments TLV7031 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
7.2.2.2 Detailed Design Procedure
The IR receiver AFE design is highly streamlined and optimized. R1 converts the IR light energy induced current
into voltage and applies to the inverting input of the comparator. The RC network of R2 and C1 establishes
a reference voltage Vref, which tracks the mean amplitude of the IR signal. The noninverting input is directly
connected to Vref through R3. R3 and R4 are used to produce a hysteresis to keep transitions free of spurious
toggles. To reduce the current drain from the coin cell battery, data transmission must be short and infrequent.
More technical details are provided in the TI TechNote Low Power Comparator for Signal Processing and
Wake-Up Circuit in Smart Meters (SNVA808).
7.2.2.3 Application Curve
V
OUT
V
IN
V
REF
1.8 V
1.2 V
4.0 V
0.0 V
1.61 V
1.58 V
Time
0.0
200.0 u
400.0 u
600.0 u
800.0 u
Figure 7-6. IR Receiver AFE Waveforms
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com