Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 25 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 21Page - Texas Instruments TLV7031 Datasheet HTML 22Page - Texas Instruments TLV7031 Datasheet HTML 23Page - Texas Instruments TLV7031 Datasheet HTML 24Page - Texas Instruments TLV7031 Datasheet HTML 25Page - Texas Instruments TLV7031 Datasheet HTML 26Page - Texas Instruments TLV7031 Datasheet HTML 27Page - Texas Instruments TLV7031 Datasheet HTML 28Page - Texas Instruments TLV7031 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 69 page
background image
7.2.3 Square-Wave Oscillator
A square-wave oscillator can be used as low-cost timing reference or system supervisory clock source.
Figure 7-7. Square-Wave Oscillator
7.2.3.1 Design Requirements
The square-wave period is determined by the RC time constant of the capacitor and resistor. The maximum
frequency is limited by the propagation delay of the device and the capacitance load at the output. The low input
bias current allows a lower capacitor value and larger resistor value combination for a given oscillator frequency,
which can help reduce BOM cost and board space.
7.2.3.2 Detailed Design Procedure
The oscillation frequency is determined by the resistor and capacitor values. The following section provides
details to calculate these component values.
Figure 7-8. Square-Wave Oscillator Timing Thresholds
First consider the output of figure Figure 7-7 is high, which indicates the inverted input VC is lower than the
noninverting input (VA). This causes the C1 to be charged through R4, and the voltage VC increases until equal to
the noninverting input. The value of VA at the point is calculated by Equation 7.
CC
2
A1
2
1
3
V
R
V
R
R I IR
u
(7)
If R1 = R2= R3, then VA1 = 2VCC/ 3
www.ti.com
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com