Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 23 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 19Page - Texas Instruments TLV7031 Datasheet HTML 20Page - Texas Instruments TLV7031 Datasheet HTML 21Page - Texas Instruments TLV7031 Datasheet HTML 22Page - Texas Instruments TLV7031 Datasheet HTML 23Page - Texas Instruments TLV7031 Datasheet HTML 24Page - Texas Instruments TLV7031 Datasheet HTML 25Page - Texas Instruments TLV7031 Datasheet HTML 26Page - Texas Instruments TLV7031 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
7.2.1.3 Application Curve
VTH+ = 2.2 V
VIN
VOUT
VTH± = 1.1 V
Time (usec)
Time (usec)
50
100
150
200
Figure 7-4. Window Comparator Results
7.2.2 IR Receiver Analog Front End
A single TLV703x device can be used to build a complete IR receiver analog front end (AFE). The nanoamp
quiescent current and low input bias current make possible powereing the circuit with a coin cell battery, which
can last for years.
+
±
10M
10M
470 k
470 k
0.01 F
3 V
GND
TLV7031
Output to MCU
(Also to wake-up MCU)
R1
R2
R3
R4
IR LED
C1
U1
Vref
Copyright © 2017, Texas Instruments Incorporated
VOUT
VIN
Figure 7-5. IR Receiver Analog Front End Using TLV703x
7.2.2.1 Design Requirements
For this design, follow these design requirements:
• Use a proper resistor (R1) value to generate an adequate signal amplitude applied to the inverting input of the
comparator.
• The low input bias current IB (2pA typical) allows a greater value of R1 to be used.
• The RC constant value (R2 and C1) must support the targeted data rate (that is, 9,600 bauds) to maintain a
valid tripping threshold.
• The hysteresis introduced with R3 and R4 helps to avoid spurious output toggles.
www.ti.com
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com