Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 26 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 22Page - Texas Instruments TLV7031 Datasheet HTML 23Page - Texas Instruments TLV7031 Datasheet HTML 24Page - Texas Instruments TLV7031 Datasheet HTML 25Page - Texas Instruments TLV7031 Datasheet HTML 26Page - Texas Instruments TLV7031 Datasheet HTML 27Page - Texas Instruments TLV7031 Datasheet HTML 28Page - Texas Instruments TLV7031 Datasheet HTML 29Page - Texas Instruments TLV7031 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
At this time the comparator output trips pulling down the output to the negative rail. The value of VA at this point
is calculated by Equation 8.
CC
2
3
A 2
1
2
3
V
(R IIR )
V
R + R IIR
(8)
If R1 = R2 = R3, then VA2 = VCC/3
The C1 now discharges though the R4, and the voltage VCC decreases until reaching VA2. At this point, the
output switches back to the starting state. The oscillation period equals the time duration from 2VCC / 3 to VCC / 3
then back to 2VCC / 3, which is given by R4C1 × ln2 for each trip. Therefore, the total time duration is calculated
as 2R4C1 × ln2. The oscillation frequency can be obtained by Equation 9:
f
1 / 2 R 4
C1 I n2
u
u
(9)
7.2.3.3 Application Curve
Figure 7-9 shows the simulated results of an oscillator using the following component values:
• R1 = R2 = R3 = R4 = 100kΩ
• C1 = 100pF, CL = 20pF
• V+ = 5V, V– = GND
• Cstray (not shown) from VA to GND = 10pF
Figure 7-9. Square-Wave Oscillator Output Waveform
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com