Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 4Page - Texas Instruments TLV7031 Datasheet HTML 5Page - Texas Instruments TLV7031 Datasheet HTML 6Page - Texas Instruments TLV7031 Datasheet HTML 7Page - Texas Instruments TLV7031 Datasheet HTML 8Page - Texas Instruments TLV7031 Datasheet HTML 9Page - Texas Instruments TLV7031 Datasheet HTML 10Page - Texas Instruments TLV7031 Datasheet HTML 11Page - Texas Instruments TLV7031 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
5.7 Electrical Characteristics (Single)
VS = 1.8V to 5V, VCM = VS / 2; minimum and maximum values are at TA = –40°C to +125°C (unless otherwise noted).
Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input Offset Voltage
VS = 1.8V and 5V, VCM = VS / 2
±0.1
±8
mV
VHYS
Hysteresis
VS = 1.8V and 5V, VCM = VS / 2,
TA = 25°C
2
7
17
mV
VCM
Common-mode voltage range
VEE
VCC + 0.1
V
IB
Input bias current
2
pA
IOS
Input offset current
1
pA
VOH
Output voltage high
(for TLV7031 only)
VS = 5V, VEE = 0V, IO = 3mA
4.65
4.8
V
VOL
Output voltage low
VS = 5V, VEE = 0V, IO = 3mA
250
350
mV
ILKG
Open-drain output leakage
current (TLV7041 only)
VS = 5V, VID = +0.1V (output high),
VPULLUP = VCC
100
pA
CMRR
Common-mode rejection ratio
VEE < VCM < VCC, VS = 5V
73
dB
PSRR
Power supply rejection ratio
VS = 1.8V to 5V, VCM = VS / 2
77
dB
ISC
Short-circuit current
VS = 5V, sourcing
29
mA
VS = 5V, sinking
33
ICC
Supply current
VS = 1.8V, no load, VID = –0.1V (Output
Low)
335
900
nA
5.8 Switching Characteristics (Single)
Typical values are at TA = 25°C, VS = 5V, VCM = VS / 2; CL = 15pF, input overdrive = 100mV (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high to-
low (RP = 2.5kΩ TLV7041
only)
Midpoint of input to midpoint of output,
VOD = 100mV
3
µs
tPLH
Propagation delay time, low-to high
(RP = 2.5kΩ TLV7041
only)
Midpoint of input to midpoint of output,
VOD = 100mV
3
µs
tR
Rise time (TLV7031 only)
Measured from 10% to 90%
4.5
ns
tF
Fall time
Measured from 10% to 90%
4.5
ns
tON
Power-up time
During power on, VCC must exceed 1.6V for
200 µs before the output reflects the input.
200
µs
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com