Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 5Page - Texas Instruments TLV7031 Datasheet HTML 6Page - Texas Instruments TLV7031 Datasheet HTML 7Page - Texas Instruments TLV7031 Datasheet HTML 8Page - Texas Instruments TLV7031 Datasheet HTML 9Page - Texas Instruments TLV7031 Datasheet HTML 10Page - Texas Instruments TLV7031 Datasheet HTML 11Page - Texas Instruments TLV7031 Datasheet HTML 12Page - Texas Instruments TLV7031 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
5.9 Electrical Characteristics (Dual)
VS = 1.8V to 5V, VCM = VS / 2; minimum and maximum values are at TA = –40°C to +125°C (unless otherwise noted).
Typical values are at TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input Offset Voltage
VS = 1.8V and 5V, VCM = VS / 2
±0.1
±8
mV
VHYS
Hysteresis
VS = 1.8V and 5V, VCM = VS / 2
3
10
25
mV
VCM
Common-mode voltage range
VEE
VCC + 0.1
V
IB
Input bias current
2
pA
IOS
Input offset current
1
pA
VOH
Output voltage high (for TLV7032
only)
VS = 5V, VEE = 0V, IO = 3mA
4.65
4.8
V
VOL
Output voltage low
VS = 5V, VEE = 0V, IO = 3mA
250
350
mV
ILKG
Open-drain output leakage
current (TLV7042 only)
VS = 5V, VID = +0.1V (output high),
VPULLUP = VCC
100
pA
CMRR
Common-mode rejection ratio
VEE < VCM < VCC, VS = 5V
73
dB
PSRR
Power supply rejection ratio
VS = 1.8V to 5V, VCM = VS / 2
77
dB
ISC
Short-circuit current
VS = 5V, sourcing (for TLV7032 only)
29
mA
VS = 5V, sinking
33
ICC
Supply current / Channel
VS = 1.8V, no load, VID = –0.1V (Output Low)
315
750
nA
5.10 Switching Characteristics (Dual)
Typical values are at TA = 25°C, VS = 5V, VCM = VS / 2; CL = 15pF, input overdrive = 100mV (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
Propagation delay time, high to-
low (RP = 4.99kΩ TLV7042
only) (1)
Midpoint of input to midpoint of output,
VOD = 100mV
3
µs
tPLH
Propagation delay time, low-to high
(RP = 4.99kΩ TLV7042
only) (1)
Midpoint of input to midpoint of output,
VOD = 100mV
3
µs
tR
Rise time (TLV7032 only)
Measured from 20% to 80%
4.5
ns
tF
Fall time
Measured from 20% to 80%
4.5
ns
tON
Power-up time
During power on, VCC must exceed 1.6V for tON
before the output reflects the input.
200
µs
(1)
The lower limit for RP is 650Ω
www.ti.com
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com