Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 15Page - Texas Instruments TLV7031 Datasheet HTML 16Page - Texas Instruments TLV7031 Datasheet HTML 17Page - Texas Instruments TLV7031 Datasheet HTML 18Page - Texas Instruments TLV7031 Datasheet HTML 19Page - Texas Instruments TLV7031 Datasheet HTML 20Page - Texas Instruments TLV7031 Datasheet HTML 21Page - Texas Instruments TLV7031 Datasheet HTML 22Page - Texas Instruments TLV7031 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The TLV703x and TLV704x are nano-power comparators with reasonable response time. The comparators have
a rail-to-rail input stage with integrated hysteresis that can monitor signals beyond the positive supply rail. When
higher levels of hysteresis are required, positive feedback can be externally added. The push-pull output stage
of the TLV703x is an excellent choice for reduced power budget applications and features no shoot-through
current. When level shifting or wire-ORing of the comparator outputs is needed, the TLV704x with open-drain
output stage is well suited to meet the system needs. In either case, the wide operating voltage range, low
quiescent current, and small size of the TLV703x and TLV704x make these comparators excellent candidates for
battery-operated and portable, handheld designs.
7.1.1 Inverting Comparator With Hysteresis for TLV703x
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 7-1. When VIN at the inverting input is less than VA, the output voltage
is high (for simplicity, assume VO switches as high as VCC). The three network resistors can be represented as
R1 || R3 in series with R2. Equation 1 defines the high-to-low trip voltage (VA1).
V
= V
A1
CC
´
R2
(R1 || R3) + R2
(1)
When VIN is greater than VA, the output voltage is low, very close to ground. In this case, the three network
resistors can be presented as R2 || R3 in series with R1. Use Equation 2 to define the low to high trip voltage
(VA2).
V
= V
A2
CC
´
R2 || R3
R1 + (R2 || R3)
(2)
Equation 3 defines the total hysteresis provided by the network.
D
-
V = V
V
A
A1
A2
(3)
www.ti.com
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com