Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 24Page - Texas Instruments TLV7031 Datasheet HTML 25Page - Texas Instruments TLV7031 Datasheet HTML 26Page - Texas Instruments TLV7031 Datasheet HTML 27Page - Texas Instruments TLV7031 Datasheet HTML 28Page - Texas Instruments TLV7031 Datasheet HTML 29Page - Texas Instruments TLV7031 Datasheet HTML 30Page - Texas Instruments TLV7031 Datasheet HTML 31Page - Texas Instruments TLV7031 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
7.2.4.2 Detailed Design Procedure
First, choose a target range of hysteresis vlaue to achieve. For this design example, 50mV of hysteresis is
chosen as the target. Since the TLV7032 already has 10mV (typ) of internal hysteresis, the voltage output from
the TMR Rotation Sensor must be scaled down by a factor of 5. This way, the 10mV of internal hysteresis gets
scaled up by a factor of 5, resulting in 50mV of hysteresis. The minimum output HIGH level for the TMR Rotation
Sensor used in Figure 47 is 5.25V. Since 5.25V is the minimum output high value, this can be used to substitute
VIN from the Voltage Divider Equation in Figure 48. Since the voltage from the TMR rotation sensor needs to be
scaled down by a factor of 5, the equation in Figure 48 can be rewritten as:
The above equation can be solved for using standard resistor values, where R1 = 100kΩ, and R2 = 24.9kΩ. The
minimum voltage seen at the noninverting pins of the comparator when the output is HIGH is 1.05V. To make the
device transition at 50% output high level, the inverting pins of the TLV7032 must be tied to a 0.525V reference.
7.2.4.3 Application Curve
Figure 49 shows the TLV7032 achieving approximately 50mV of hysteresis using the following component
values:
• R1 = 100kΩ
• R2 = 24.9kΩ
• VREF (IN-) = 0.525V
Figure 7-12. DC Input Voltage Sweep
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com