Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 8Page - Texas Instruments TLV7031 Datasheet HTML 9Page - Texas Instruments TLV7031 Datasheet HTML 10Page - Texas Instruments TLV7031 Datasheet HTML 11Page - Texas Instruments TLV7031 Datasheet HTML 12Page - Texas Instruments TLV7031 Datasheet HTML 13Page - Texas Instruments TLV7031 Datasheet HTML 14Page - Texas Instruments TLV7031 Datasheet HTML 15Page - Texas Instruments TLV7031 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
5.14 Typical Characteristics
TA = 25°C, VCC = 5V, VEE = 0V, VCM = VCC/2, CL = 15pF
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
vio_
VCM = VCC /2
VCM = VCC
VCM = 0
VCC = 1.8V
Figure 5-3. Input Offset vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
vio_
VCM = VCC /2
VCM = VCC
VCM = 0
VCC = 3.3V
Figure 5-4. Input Offset vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
vio_
VCM = VCC /2
VCM = VCC
VCM = 0
VCC = 5V
Figure 5-5. Input Offset vs Temperature
VCM (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
vio_
Temp -40°C
Temp 25°C
Temp 125°C
VCC = 1.8V
Figure 5-6. Input Offset Voltage vs VCM
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
vio_
Temp -40°C
Temp 25°C
Temp 125°C
VCC = 3.3V
Figure 5-7. Input Offset Voltage vs VCM
VCM (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
vio_
Temp -40°C
Temp 25°C
Temp 125°C
VCC = 5V
Figure 5-8. Input Offset Voltage vs VCM
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com