Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 14Page - Texas Instruments TLV7031 Datasheet HTML 15Page - Texas Instruments TLV7031 Datasheet HTML 16Page - Texas Instruments TLV7031 Datasheet HTML 17Page - Texas Instruments TLV7031 Datasheet HTML 18Page - Texas Instruments TLV7031 Datasheet HTML 19Page - Texas Instruments TLV7031 Datasheet HTML 20Page - Texas Instruments TLV7031 Datasheet HTML 21Page - Texas Instruments TLV7031 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
6.4.1 Inputs
The TLV703x and TLV704x input common-mode extends from VEE to 100mV above VCC. The differential input
voltage (VID) can be any voltage within these limits. No phase inversion of the comparator output occurs when
the input pins exceed VCC and VEE.
The input of TLV703x and TLV704x is fault tolerant and maintains the same high input impedance when VCC is
unpowered or ramping up. The input can be safely driven up to the specified maximum voltage (7V) with VCC =
0V. The VCC is isolated from the input and maintains the high impedance even when a higher voltage is applied
to the input.
The input bias current is typically 1pA for input voltages between VCC and VEE. The comparator inputs are
protected from voltages below VEE by internal diodes connected to VEE. As the input voltage goes under VEE,
the protection diodes become forward biased and begin to conduct causing the input bias current to increase
exponentially. Input bias current typically doubles every 10°C temperature increases.
6.4.2 Internal Hysteresis
The device hysteresis transfer curve is shown in Figure 6-1. This curve is a function of three components: VTH,
VOS, and VHYST:
• VTH is the actual set voltage or threshold trip voltage.
• VOS is the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
• VHYST is the internal hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise
(7mV for both TLV703x and TLV704x).
V
+ V
(V
-
TH
OS
HYST
)
/ 2
V
+ V
TH
OS
V
+ V
+
TH
OS
(V
HYST
)
/ 2
Figure 6-1. Hysteresis Transfer Curve
6.4.3 Output
The TLV703x features a push-pull output stage eliminating the need for an external pullup resistor.
The TLV704x features an open-drain output stage enabling the output logic levels to be pulled up to an external
source up to 6.5V independent of the supply voltage.
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com