Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV7031 Datasheet HTML 2Page - Texas Instruments TLV7031 Datasheet HTML 3Page - Texas Instruments TLV7031 Datasheet HTML 4Page - Texas Instruments TLV7031 Datasheet HTML 5Page - Texas Instruments TLV7031 Datasheet HTML 6Page - Texas Instruments TLV7031 Datasheet HTML 7Page - Texas Instruments TLV7031 Datasheet HTML 8Page - Texas Instruments TLV7031 Datasheet HTML 9Page - Texas Instruments TLV7031 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage VS = VCC - VEE
–0.3
7
V
Input pins (IN+, IN-)(2)
VEE – 0.3
7
V
Current into Input pins (IN+, IN-)
±10
mA
Output (OUT) (TLV703x)(3)
VEE – 0.3
VCC + 0.3
V
Output (OUT) (TLV704x)
VEE – 0.3
7
V
Output short-circuit duration(4)
10
s
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods can affect device
reliability.
(2)
Input terminals are diode-clamped to VEE. Input signals that can swing 0.3V below VEE must be current-limited to 10mA or less
(3)
Output maximum is (VCC + 0.3V) or 7V, whichever is less.
(4)
Short-circuit to ground, one comparator per package.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage VS = VCC – VEE
1.6
6.5
V
Supply voltage VS = VCC – VEE, TLV70x1L and TLV70x1S only
1.2
6.5
V
Input voltage range
VEE – 0.1
VCC + 0.1
V
Ambient temperature, TA
–40
125
°C
5.4 Thermal Information (Single)
THERMAL METRIC(1)
TLV7031/TLV7041 (Including L and S)
UNIT
DPW (X2SON)
DBV (SOT-23)
DCK (SC70)
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
533.2
297.2
278.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
302.7
224.7
186.6
°C/W
RθJB
Junction-to-board thermal resistance
408.3
200.1
113.2
°C/W
ΨJT
Junction-to-top characterization parameter
71.5
141.2
82.3
°C/W
ΨJB
Junction-to-board characterization parameter
405.9
198.9
112.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
188.3
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com