Electronic Components Datasheet Search
  English  ▼

X  

TLV7031 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV7031
Description  TLV703x and TLV704x Small-Size, Nanopower, Low-Voltage Comparators
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7031 Datasheet(HTML) 4 Page - Texas Instruments

  TLV7031 Datasheet HTML 1Page - Texas Instruments TLV7031 Datasheet HTML 2Page - Texas Instruments TLV7031 Datasheet HTML 3Page - Texas Instruments TLV7031 Datasheet HTML 4Page - Texas Instruments TLV7031 Datasheet HTML 5Page - Texas Instruments TLV7031 Datasheet HTML 6Page - Texas Instruments TLV7031 Datasheet HTML 7Page - Texas Instruments TLV7031 Datasheet HTML 8Page - Texas Instruments TLV7031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
4.2 Pin Functions: TLV7032/42 Dual
OUTA
INA-
INA+
VCC
INB-
OUTB
VEE
INB+
1
2
3
4
8
7
6
5
Figure 4-5.
TLV7032/42
DGK, DDF Packages
8-Pin VSSOP, SOT-23
Top View
OUTA
INA-
INA+
VCC
INB-
OUTB
VEE
INB+
1
2
3
4
8
7
6
5
Thermal
Pad
A.
Connect thermal pad directly to V– pad.
Figure 4-6.
TLV7032/42
DSG Package
8-Pin WSON With Exposed Thermal Pad
Top View
Table 4-2. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
INA–
2
I
Inverting input, channel A
INA+
3
I
Noninverting input, channel A
INB–
6
I
Inverting input, channel B
INB+
5
I
Noninverting input, channel B
OUTA
1
O
Output, channel A
OUTB
7
O
Output, channel B
VEE
4
—
Negative (lowest) supply or ground (for single-supply operation)
VCC
8
—
Positive (highest) supply
TLV7031, TLV7032, TLV7041, TLV7042, TLV7034, TLV7044
SLVSE13J – SEPTEMBER 2017 – REVISED NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV7031 TLV7032 TLV7041 TLV7042 TLV7034 TLV7044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com