Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 14 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
illustrated in Figure 7-4, where the device maintains a controlled and short-duration disturbance before returning
to steady-state operation.
The isolation barrier also supports long-term reliability under continuous voltage stress. Isolation lifetime is
characterized using time-dependent dielectric breakdown (TDDB) models and provides robust performance over
the intended operating life. By integrating isolation directly within the sensor, the ISOTMP35R device enables
accurate and stable temperature measurement in environments where discrete implementations require more
complex system design.
7.3.2 Output Stage and Signal Behavior
The ISOTMP35R provides a low-impedance analog output voltage that is linearly proportional to temperature.
The output stage is designed for direct interfacing to analog-to-digital converters (ADCs) and signal conditioning
networks commonly used in high-voltage systems.
In addition to providing accurate temperature representation, the output stage is optimized for stable operation
under capacitive loading and for robust performance in electrically noisy environments. Output behavior is
influenced by the transfer function, load conditions, and common-mode transients, which are described in the
following sections.
7.3.2.1 Transfer Function
The ISOTMP35R provides an analog output voltage that is linearly proportional to temperature over the full
operating range. This linear relationship simplifies system integration by allowing direct conversion of the output
voltage to temperature using a single scaling factor.
The nominal transfer function is defined as:
VOUT= 10mV°C×T +500mV 
(1)
where:
• T is the measured temperature in °C
The measured temperature can be calculated from the output voltage using:
T =VOUT − 500mV
10mV/°C
(2)
where:
• VOUT is the output voltage in mV
This transfer function results in an output voltage of 500mV at 0°C and a slope of 10mV/°C across the entire
temperature range. For example, at 25°C the output voltage is approximately 750mV, and at 100°C the output
voltage is approximately 1.5V. This linear relationship enables direct conversion to temperature without requiring
calibration or digital compensation in most systems.
The accuracy limits specified in Electrical Characteristics include the combined effects of offset, gain error, and
non-linearity. As a result, the nominal transfer function can be used directly in most applications without requiring
additional calibration or compensation.
In systems that require improved typical fitting of the average device response, a piecewise linear approximation
can be applied as described in Section 8.1.1.
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
14
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com