Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 23 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 20Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 21Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 22Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 23Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 24Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 25Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 26Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Table 8-2. Transfer Values (Nominal, Measured, and Calculated Piecewise)
Temperature
(°C)
Nominal VOUT
(mV)
Measured VOUT (Avg)
(mV)
Calculated Piecewise
VOUT (mV)
–40.0
100.0
104.3
104.0
–35.0
150.0
153.7
153.6
–30.0
200.0
203.1
203.1
–25.0
250.0
252.5
252.7
–20.0
300.0
302.0
302.2
–15.0
350.0
351.6
351.8
–10.0
400.0
401.2
401.3
–5.0
450.0
450.7
450.9
0.0
500.0
500.4
500.4
5.0
550.0
550.1
550.0
10.0
600.0
599.8
599.0
15.0
650.0
649.6
648.9
20.0
700.0
699.3
698.8
25.0
750.0
749.1
748.7
30.0
800.0
798.9
798.6
35.0
850.0
848.8
848.5
40.0
900.0
898.7
898.4
45.0
950.0
948.6
948.3
50.0
1000.0
998.5
998.2
55.0
1050.0
1048.4
1048.1
60.0
1100.0
1098.4
1098.0
65.0
1150.0
1148.3
1147.9
70.0
1200.0
1198.3
1198.0
75.0
1250.0
1248.3
1248.1
80.0
1300.0
1298.4
1298.2
85.0
1350.0
1348.5
1348.3
90.0
1400.0
1398.6
1398.4
95.0
1450.0
1448.8
1448.5
100.0
1500.0
1498.9
1498.6
105.0
1550.0
1549.1
1548.7
110.0
1600.0
1599.2
1598.8
115.0
1650.0
1649.4
1648.9
120.0
1700.0
1699.6
1699.0
125.0
1750.0
1749.7
1749.1
130.0
1800.0
1799.8
1799.2
135.0
1850.0
1849.9
1849.3
140.0
1900.0
1899.9
1899.4
145.0
1950.0
1950.0
1949.5
150.0
2000.0
2000.0
1999.6
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com