Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 27 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 27 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 23Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 24Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 25Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 26Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 27Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 28Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 29Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 30Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
An RC filter placed near the ADC input, consisting of RFLT_2 and CFLT_2, is recommended to attenuate high-
frequency noise and to isolate the sensor output from ADC sampling transients. This stage represents the
primary signal-conditioning filter for most applications.
Additional filtering stages, such as CFLT_1 and RFLT_1, can be used to further attenuate noise in systems with
long routing distances or elevated electromagnetic interference. These stages are applied only as needed,
based on system-level evaluation. Optional ferrite beads can be inserted in the signal path or supply path to
suppress high-frequency interference. RFLT_3 is only required when the optional ferrite bead is populated, where
it provides damping between the ferrite bead and downstream capacitance to suppress resonance and maintain
stable filter behavior.
On the supply path, a local bypass capacitor (CBYPASS) must always be placed close to the VDD pin. Additional
filtering using a ferrite bead and capacitor (CFLT_3) can be used to reduce conducted noise on the supply line.
Only the capacitance directly connected to VOUT contributes to the effective load seen by the output stage.
Capacitance located downstream of RISO does not affect output stability.
The component values used in Figure 8-3 provide a recommended starting point; however, the final values
depend on system-level conditions, including noise spectrum, ADC characteristics, and PCB layout, and must be
validated during system design.
8.1.6 Insulation Lifetime
The insulation lifetime of the ISOTMP35R is characterized using the industry-standard time-dependent dielectric
breakdown (TDDB) method.
In this test, all pins on each side of the isolation barrier are tied together to form a two-terminal structure. A high
voltage is applied across the barrier while monitoring for dielectric breakdown over time. Testing is performed
across multiple voltage levels and temperatures with an applied AC voltage at 60Hz. The measured data is used
to model the long-term behavior of the isolation barrier and to define the allowable operating conditions.
Figure 8-4 shows the TDDB lifetime projection. The red line represents the fitted TDDB model corresponding
to a failure rate of less than 1 defect per million (1 DPPM). The shaded region indicates the recommended
operating region of the device.
At a working isolation voltage of 1060VRMS and a junction temperature of 150°C, the projected insulation lifetime
exceeds 15 years. Operation within the specified isolation ratings maintains the projected insulation lifetime.
0
1000
2000
3000
4000
5000
6000
7000
8000
Applied Voltage (V
RMS)
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
T
A= 150°C, Working Isolation Voltage = 1060VRMS, Applied Voltage Frequency = 60Hz,
Projected Insulation Lifetime ≥ 15 years
Operating Zone
TDDB Line
(< 1DPPM Fail Rate)
~15 Years
Figure 8-4. Isolation Lifetime Projection
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com