Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 17 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 20Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
The high CMTI performance is enabled by the internal isolation structure and low parasitic coupling across the
barrier. In addition, system-level filtering and proper PCB layout further reduce the impact of high-frequency
transients (see Section 8.1.5.1 for more details on filtering techniques).
7.3.3 Thermal Response
The SSOP-12 package is designed to maximize the heat flow and minimize the thermal response time from the
TSENSE pins to the temperature sensor, while also providing the 5kVRMS isolation rating (UL 1577).
The thermal response of the ISOTMP35R depends on the thermal coupling between the TSENSE pins and the
heat source, as well as the surrounding environment and PCB design. Unlike conventional temperature sensors
that measure ambient or board temperature, the ISOTMP35R is designed to measure the temperature of a
localized heat source through direct thermal coupling. This is achieved through dedicated TSENSE pins that are
intended to be placed in close proximity to the heat-generating element.
Because thermal behavior varies significantly across applications, the ISOTMP35R is characterized under
multiple test conditions to provide a comprehensive understanding of device performance. These conditions
include directional heating, stirred liquid environments, and still air environments, which are discussed in the
following sections.
7.3.3.1 Stirred Liquid Thermal Response
Stirred liquid thermal response represents a best-case thermal condition for uniform temperature coupling across
the package, in which the entire device is exposed to a controlled and homogeneous temperature environment.
In this test, the device is immersed in a circulated fluid bath so that all parts of the package experience the
same temperature simultaneously. This minimizes thermal gradients across the device and reflects the intrinsic
response of the internal temperature sensor.
Figure 7-5 illustrates the stirred-liquid test configuration, and Figure 7-6 shows the corresponding measured
thermal response for a temperature step of 125°C (25°C to 150°C). The red solid reference line in Figure 7-6
indicates the final steady-state temperature (100%), while the response curve shows the transient behavior of
the device approaching this value.
ISOTMP35R
T = T
A = 25°C
Outside of bath
Figure 7-5. Stirred Liquid Test Setup
Time (s)
-2
0
2
4
6
8
10
12
14
16
18
20
0
25
50
75
100
125
T63%  2.0s
T86%  6.0s
VOUT
Figure 7-6. Thermal Response (Stirred Liquid Bath)
Under these conditions, the device exhibits a first-order thermal response. The output reaches approximately
63% of the final value in about 2.0s and approximately 86% in about 6.0s, consistent with first-order system
behavior.
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com