Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 15 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
7.3.2.2 Driving Capacitive Loads
The ISOTMP35R output stage drives capacitive loads commonly encountered in practical systems, including
ADC inputs, PCB interconnects, and external filtering networks. Without additional series isolation resistance,
the device supports capacitive loads up to 2.2nF while maintaining a phase margin of at least 45°. This condition
enables direct interfacing with many ADC inputs and short PCB traces without requiring external buffering.
In applications with larger capacitive loads, a series isolation resistor (RISO) improves loop stability. The resistor
isolates the output stage from the load capacitance and reduces the phase shift introduced by the load,
preventing oscillation or excessive peaking. Figure 7-2 shows the simulated phase margin as a function of
load capacitance and RISO.
Load Capacitance (F)
20
40
60
80
100
120
1p
10p
100p
1n
10n
100n
1
10
100
0
100
200
300
400
500
600
700
800
900
1000
Figure 7-2. Simulated Phase Margin vs Capacitive Load for Different RISO Values
When RISO is greater than or equal to 300Ω, the device maintains a phase margin greater than or equal to 45°
across the full capacitive load range, enabling stable operation independent of load capacitance. This behavior
simplifies system design by removing the need to tightly control load capacitance in applications with long PCB
traces, cables, or large input filtering capacitors. Figure 7-3 illustrates a typical implementation using RISO to
isolate the output from a large capacitive load.
VOUT
VDD
Thermal Diodes
90
+
–
CLOAD
VDD
(3.1V to 34V)
CBYPASS
ISOTMP35R
RISO
GND
ADC
RFILTER
CFILTER
GND
GND
GND
To High
Capacitive Load
Figure 7-3. Driving Capacitive Loads Using Series Isolation Resistor (RISO)
Table 7-1 provides recommended RISO values for typical capacitive load ranges. The values are derived from
the phase margin behavior shown in Figure 7-2 and provide practical design guidance for maintaining stable
operation.
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com