Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 1 Page - Texas Instruments

  ISOTMP35RDFPR Datasheet HTML 1Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 2Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 3Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 4Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 5Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor
(10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
1 Features
• Robust integrated isolation:
– Withstand isolation voltage: 5kVRMS
– Isolation working voltage: 1.06kVRMS
– Isolation barrier lifetime: > 15 years
– Basic isolation option available
• Temperature sensor accuracy:
– ±0.5°C typical at 25°C
– ±2.0°C maximum from 0°C to 70°C
– ±3.0°C maximum from –40°C to 150°C
• Wide supply range: 3.1V to 34V
• Analog Output:
– 10mV/°C positive slope
– 500mV offset at 0°C
– Output voltage range: 100mV to 2.0V
• Fast thermal response: < 4s
• High CMTI: 65kV/µs
• Low power consumption: 45µA (typical)
• DFP (SSOP-12) package
• Safety-related certifications:
– 5kVRMS isolation for 1 minute per UL 1577
2 Applications
• AC charging station
• DC fast charging station
• Rack and server PSU with 48V output
• Server PSU with 12V output
• Merchant DC/DC
• Merchant telecom rectifier
• Battery backup unit
• Merchant DIN rail power supply
• AC/DC adapter PSU
V
OUT
V
DD
GND
Thermal Diodes
TSENSE
TSENSE
TSENSE
TSENSE
TSENSE
TSENSE
ISOTMP35R
+
–
90
HEAT ONLY
Functional Block Diagram
3 Description
The ISOTMP35R is the industry’s first reinforced
isolated temperature sensor IC, combining an
integrated isolation barrier, up to 5kVRMS withstand
voltage, with an analog temperature sensor featuring
a 10mV/°C slope from –40°C to 150°C. This
integration enables the sensor to be co-located with
high-voltage heat sources such as power MOSFETs,
IGBTs, and busbars eliminating the need for external
isolation amplifiers or isolated data converters. The
direct contact with the high-voltage heat source
also provides greater accuracy and faster thermal
response compared with approaches where the
sensor is placed further away to meet isolation
requirements.
Operating from a wide supply range of 3.1V to
34V, the ISOTMP35R enables flexible integration in
systems where a regulated low-voltage rail is not
available on the high-voltage domain.
The output voltage of the ISOTMP35R ranges from
100mV to 2.0V for a –40°C to 150°C temperature
range. The ISOTMP35R does not require any external
calibration or trimming to provide a worst-case
accuracy of ±0.5°C at room temperature and ±3.0°C
over the full –40°C to 150°C temperature range. The
linear output, 500mV offset, and factory calibration of
the ISOTMP35R simplify the circuitry requirements in
a single supply environment where reading negative
temperatures is necessary.
The integrated isolation barrier satisfies UL 1577
requirements. The surface mount package (12-pin
SSOP) provides excellent heat flow from the heat
source to the embedded thermal sensor, minimizing
thermal mass and providing more accurate heat-
source measurement. This reduces the need for time-
consuming thermal modeling and improves system
design margin by reducing mechanical variations due
to manufacturing and assembly.
Packaging Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
ISOTMP35R
DFP (SSOP, 12)
10.3mm × 3.6mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISOTMP35RDFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISOTMP35R TI2-ISOTMP35R Datasheet
1Mb / 23P
ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R TI2-ISOTMP35R Datasheet
1Mb / 20P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 20P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 23P
ISOTMP35R ±1.5°C, 5kVRMS Reinforced Isolated Temperature Sensor with Analog Output and 1.06kVRMS Working Voltage
SEPTEMBER 2025
ISOTMP35R-Q1 TI2-ISOTMP35R-Q1 Datasheet
1Mb / 37P
ISOTMP35R-Q1 Automotive ±2.5°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
REVISED APRIL 2026
More results

Similar Description - ISOTMP35RDFPR

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SDP1108-R SENSIRION-SDP1108-R Datasheet
286Kb / 7P
Low Differential Pressure Sensor with fast response time
Version 2.1
logo
Texas Instruments
AMC23C11 TI-AMC23C11 Datasheet
1Mb / 30P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C12 TI-AMC23C12 Datasheet
1Mb / 32P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
FEBRUARY 2022
AMC23C10 TI-AMC23C10 Datasheet
1Mb / 26P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
MARCH 2022
AMC23C10 TI-AMC23C10_V01 Datasheet
1Mb / 34P
AMC23C10 Fast Response, Reinforced Isolated Comparator With Dual Output
REVISED JULY 2022
AMC23C11 TI-AMC23C11_V01 Datasheet
1Mb / 41P
AMC23C11 Fast Response, Reinforced Isolated Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C12 TI-AMC23C12_V01 Datasheet
1Mb / 44P
AMC23C12 Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold and Latch Function
REVISED JULY 2022
AMC23C15 TI-AMC23C15 Datasheet
1Mb / 42P
AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
MARCH 2023
ISOTMP35-Q1 TI-ISOTMP35-Q1 Datasheet
1Mb / 28P
ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
ISOTMP35 TI-ISOTMP35 Datasheet
1Mb / 28P
ISOTMP35 ±1.2°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com