Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 18 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 20Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 21Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
7.3.3.2 Directional Thermal Response
Directional thermal response represents the most application-relevant condition for the ISOTMP35R device. In
this test, heat is applied primarily through the TSENSE pins while the remaining device pins are exposed to
ambient temperature. This configuration reflects real-world use cases where the device is thermally coupled to
a localized high-voltage heat source, such as a power transistor or copper plane, with the rest of the package
influenced by ambient conditions.
Figure 7-7 illustrates the directional thermal test configuration, and Figure 7-8 shows the corresponding
measured thermal response for a temperature step of 50°C (25°C to 75°C).
T = TA = 25°C
Additional thermal
gradient from lower
temperature side
T = TTEST
Heat sourced
through 2oz.
Copper plane
HIGH
VOLTAGE
HV
FR-4 PCB
LV
HE
Figure 7-7. Directional Thermal Test Setup
Time (s)
0
25
50
75
100
125
-10
0
10 20 30 40 50 60 70 80 90 100 110 120
T63%  3.7s
T86%  33.0s
Final Te mperature
VOUT
Figure 7-8. Thermal Response (Directional)
Unlike the stirred liquid condition, thermal gradients exist across the package. As a result, the measured
response approaches a steady-state value below 100% of the applied temperature step. This occurs because
only part of the package is heated through the TSENSE pins while the remaining areas dissipate heat to the
surrounding environment.
The thermal response follows a first-order characteristic, reaching approximately 63% of the final value in about
3.7s, as shown in Figure 7-8. This indicates fast thermal coupling between the heat source and the internal
temperature sensor through the TSENSE pins.
The ISOTMP35R package is optimized to maximize thermal conduction through the TSENSE pins, enabling
efficient heat transfer from the heat source to the internal temperature sensor. Placing the TSENSE pins directly
at the high-voltage heat source enables fast response time and improved measurement accuracy compared to
non-isolated implementations that require remote sensor placement.
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com