Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 16 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Table 7-1. Recommended RISO Values vs Capacitive Load for Stable Operation
CLOAD RANGE
RISO = 0Ω
RISO = 100Ω
RISO = 200Ω
RISO ≥ 300Ω
< 2.2nF
≥ 50°
≥ 50°
≥ 50°
≥ 55°
2.2nF – 47nF
25° – 45°
35° – 50°
40° – 55°
≥ 45°
47nF – 1µF
≥ 25°
≥ 40°
≥ 55°
≥ 65°
> 1µF
≥ 70°
≥ 90°
≥ 90°
≥ 90°
As shown in Table 7-1, the phase margin exhibits a minimum in the mid-range capacitive load region,
approximately 2nF to 50nF, where interaction between the output stage and load capacitance introduces
additional phase shift. As the load capacitance increases further, the output pole shifts to lower frequencies,
reducing the loop bandwidth and causing the gain crossover to occur before significant higher-order phase
lag accumulates. This behavior results in improved phase margin at higher capacitive loads and a more
stable, dominant-pole response. When a series isolation resistor, RISO, is used, a zero is introduced that helps
compensate for the phase lag from the load capacitance, further improving stability across the full load range.
Although the output stage supports large capacitive loads, excessive loading increases settling time and can
introduce self-heating effects that degrade measurement accuracy. Therefore, output loading is recommended to
be minimized.
7.3.2.3 Common Mode Transient Immunity (CMTI)
Common-mode transient immunity (CMTI) describes the ability of the ISOTMP35R to maintain a stable output
in the presence of fast voltage transients between the high-voltage sensing domain and the low-voltage system
domain. In applications such as power converters, motor drives, and battery systems, switching devices
generate rapid voltage transitions (high dv/dt) that can couple through parasitic capacitances and disturb
sensitive analog signals. Without sufficient CMTI performance, these transients can introduce errors or glitches
in the measured temperature output.
The ISOTMP35R is designed to operate reliably in these environments and is specified for a typical CMTI of
65kV/µs. This value represents the maximum rate of change of the common-mode voltage at which the output
disturbance remains within a specified amplitude and duration.
Figure 7-4 shows the measured output response of the ISOTMP35R during a common-mode transient event.
In this test, a high dv/dt voltage step is applied across the isolation barrier while the output is monitored. The
device maintains output integrity such that any transient deviation remains limited in magnitude and duration (for
example, < 200mV for < 4µs), providing minimal impact on temperature measurement. This controlled response
verifies that the temperature measurements remain accurate even in the presence of fast switching events.
Time (
s)
-2
0
2
4
6
8
10
12
14
16
-250
-0.5
0
-0.25
250
0
500
0.25
750
0.5
1000
0.75
1250
1
1500
1.25
TA = 25°C, VDD = 5.0V, VCM = 750V, ILOAD = 50A, RISO = 0, CLOAD = 1nF
VCM SR = 65kV/s
VCM
VOUT
Figure 7-4. Common-Mode Transient Response
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
16
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com