Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 10 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
6.10 Typical Characteristics
at TA = 25°C (unless otherwise noted)
Te mperature (
C)
-50
-25
0
25
50
75
100
125
150
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
Average
Avg ±3
Min/Max Limits
VDD = 3.3V, ILOAD = 0µA, CLOAD = 0pF
Figure 6-1. Accuracy vs Temperature
Te mperature (
C)
-50
-25
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0.1V
0.75V
1.75V
VOUT
VDD = 3.1 to 34V, ILOAD = 0µA, CLOAD = 0pF
Figure 6-2. Output Voltage vs Temperature
Supply Voltage (V)
0
5
10
15
20
25
30
35
-1.5
-1
-0.5
0
0.5
TA = 150C
3.3V
34V
ILOAD = 10A
ILOAD = 20A
ILOAD = 40A
ILOAD = 60A
ILOAD = 80A
ILOAD = 100A
TA = 150°C, CLOAD = 0pF
Figure 6-3. Accuracy vs Supply Voltage and Load
Current
Te mperature (
C)
-50
-25
0
25
50
75
100
125
150
0
20
40
60
80
100
120
VDD = 3.3V
VDD = 5.0V
VDD = 12.0V
VDD = 24.0V
VDD = 28.0V
VDD = 34.0V
ILOAD = 0µA, CLOAD = 0pF
Figure 6-4. Supply Current vs Temperature
Te mperature (
C)
-50
-25
0
25
50
75
100
125
150
-25
-2.5
-20
-2
-15
-1.5
-10
-1
-5
-0.5
0
0
5
0.5
10
1
15
1.5
VDD = 3.3V
ILOAD = 10A
ILOAD = 20A
ILOAD = 40A
ILOAD = 60A
ILOAD = 80A
ILOAD = 100A
VDD = 3.3V, CLOAD = 0pF
Figure 6-5. Load Regulation vs Temperature
Load Current (
A)
0
10
20
30
40
50
60
70
80
90
100
-10
-8
-6
-4
-2
0
2
VDD = 3.3V
VDD = 5.0V
VDD = 12V
VDD = 24V
VDD = 28V
VDD = 34V
TA = 25°C, CLOAD = 0pF
Figure 6-6. ΔVOUT vs Load Current
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com