Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 24 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 20Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 21Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 22Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 23Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 24Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 25Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 26Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 27Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
8.1.2 Output Buffering and Signal Integrity Considerations
In many applications, the ISOTMP35R output can be connected directly to an ADC input without requiring an
external buffer. The output stage provides sufficient drive capability for typical capacitive loads and short PCB
interconnects.
As described in Section 7.3.2.2, the output remains stable for capacitive loads up to 2.2nF without additional
components. For larger capacitive loads, the use of a series isolation resistor (RISO) enables stable operation
independent of load capacitance. In these cases, an external buffer is not required for stability.
In certain system conditions, an external buffer can improve overall signal integrity and robustness. These
conditions are typically related to long PCB traces, cable interfaces, multiple loads, or electrically noisy
environments where signal attenuation and coupling can degrade performance.
An external buffer can be implemented as either a single-ended or differential stage, depending on
system requirements. Single-ended buffers are typically sufficient for moderate trace lengths and low-noise
environments. Differential signaling can be used in applications requiring improved noise immunity or reliable
transmission over longer distances.
In addition, buffering can help isolate the sensor output from downstream circuitry, reducing the impact of
distributed parasitics and improving performance in high-EMI environments.
Figure 8-1 shows an example implementation in which the ISOTMP35R output is buffered and transmitted as a
differential signal for improved noise immunity over longer distances.
+
25
25
THP210
ISOTMP35R
V
OUT
GND
GND
50
R
ISO
C
LOAD
Figure 8-1. Buffered Differential Pair Data Transmission
In applications with short trace lengths, a single load, and limited noise coupling, the ISOTMP35R output can be
used directly without a buffer.
8.1.3 ADC Interface Considerations
The ISOTMP35R provides an analog output voltage that is intended for direct interfacing to an analog-to-digital
converter (ADC).
To achieve the specified temperature accuracy, a minimum ADC resolution of 12 bits is recommended. For
example, with a 2.5V reference, a 12-bit ADC provides an LSB size of approximately 0.61mV, corresponding to
a temperature resolution of approximately 0.061°C per LSB. This resolution is sufficient for most temperature
monitoring applications.
Higher-resolution ADCs (for example, 14-bit or 16-bit) can be used in systems requiring improved resolution.
However, overall system accuracy is typically limited by other factors such as noise, thermal gradients, and PCB
layout, and does not significantly improve with higher resolution alone.
The ADC input presents both capacitive loading and dynamic sampling currents. These effects can introduce
voltage disturbances at the sensor output, including transient droop and high-frequency noise. As described in
Section 7.3.2.2, capacitive loading also influences output stability and must be considered in the system design.
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com