Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 13 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
7 Detailed Description
7.1 Overview
The ISOTMP35R is a linear analog-output temperature sensor with reinforced isolation, intended for accurate
temperature measurement at high-voltage nodes. The device provides a 10mV/°C positive-slope output over
the full –40°C to 150°C temperature range, with a 500mV offset at 0°C. The specified temperature accuracy is
±2.0°C from 0°C to 70°C and ±3.0°C over the full –40°C to 150°C range.
The device operates from a 3.1V to 34V supply, allowing direct integration on a high-voltage plane where a
tightly regulated low-voltage rail is not available. A class-A output driver provides up to 100µA source current
and is designed to interface directly with many ADC inputs, while also supporting higher capacitive loading when
RISO is used as described in Section 7.3.2.2.
7.2 Functional Block Diagram
V
OUT
V
DD
GND
Thermal Diodes
TSENSE
TSENSE
TSENSE
TSENSE
TSENSE
TSENSE
ISOTMP35R
+
–
90
HEAT ONLY
Figure 7-1. Functional Block Diagram
7.3 Functional Description
The ISOTMP35R integrates a precision temperature sensing element with a reinforced isolation barrier and an
analog output stage. The device is optimized for accurate temperature measurement of localized heat sources
in high-voltage environments. Key functional blocks include the temperature sensing element, isolation barrier,
and analog output driver. Together, these blocks enable direct measurement at the heat source while maintaining
electrical isolation from the system controller.
The following sections describe the analog output behavior, isolation characteristics, and thermal performance of
the device in detail.
7.3.1 Integrated Isolation Barrier
The ISOTMP35R incorporates a reinforced isolation barrier that separates the high-voltage sensing domain from
the low-voltage system domain. This barrier enables safe and reliable temperature measurement in applications
where the sensing location is exposed to high common-mode voltages. The integrated isolation eliminates
the need for external isolation components, such as isolation amplifiers or digital isolators, reducing system
complexity and improving reliability.
In high-voltage systems, fast switching transitions (high dv/dt) can couple through parasitic capacitances and
disturb sensitive analog signals. The ISOTMP35R is designed to minimize this coupling through the internal
isolation structure, providing high common-mode transient immunity (CMTI). This high CMTI performance allows
the output to remain stable during switching events. The output response during a common-mode transient is
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com