Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 25 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 21Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 22Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 23Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 24Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 25Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 26Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 27Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 28Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
To mitigate these effects, an RC filter consisting of RFILTER and CFILTER is recommended at the ADC input. This
filter attenuates high-frequency noise, isolates the sensor output from ADC sampling transients, and improves
signal stability during conversion.
Figure 8-2 shows a recommended connection of the ISOTMP35R output to an ADC. In this configuration, CLOAD
provides local high-frequency filtering at the device output, while the RC network at the ADC input further
reduces noise and transient effects.
GND
+
–
3.1V to 34V
100nF
GND
GND
GND
CFILTER
RFILTER
CLOAD
ADC
GND
RISO
Keep space beneath
device free of any planes,
traces, pads and vias
VDD
VOUT
GND
NC
NC
NC
ISOTMP35R
1
2
3
4
5
6
7
8
9
10
11
12
Heat
High Voltage Heat Source
Figure 8-2. Connecting the ISOTMP35R Output to an ADC
In systems with long trace lengths or high levels of electromagnetic interference, additional filtering or buffering is
often required to maintain measurement accuracy.
8.1.4 Power Supply Recommendations
The ISOTMP35R operates from a supply voltage range of 3.1V to 34V, enabling flexible integration into a wide
range of system architectures.
A stable and low-noise supply is recommended to achieve high measurement accuracy. A 0.1µF bypass
capacitor must be placed as close as possible to the VDD pin. This capacitor provides a low-impedance path for
high-frequency transients and is required for proper device operation.
In many applications, the supply voltage is derived from a switching regulator or is exposed to high-frequency
noise. In these cases, additional filtering is required to reduce noise from coupling into the device.
A ferrite bead placed in series with VDD, in combination with a local bypass capacitor, can be used to attenuate
conducted high-frequency noise. Select ferrite beads with low DC resistance (DCR < 1Ω) to avoid introducing
voltage drops that affect device performance.
The effectiveness of supply filtering depends on the system noise environment and PCB layout. Additional
filtering techniques are described in Section 8.1.5.1.
8.1.5 EMI Mitigation and Filtering
The ISOTMP35R is commonly used in high-voltage systems that include fast-switching devices such as
MOSFETs, IGBTs, or switching regulators. These systems generate high dv/dt transients and electromagnetic
interference (EMI), which can couple into the sensor output through PCB traces, parasitic capacitances, or the
isolation barrier.
If not properly mitigated, this coupled noise can introduce voltage disturbances at the output (VOUT), resulting in
measurement error or reduced system accuracy.
The ISOTMP35R provides high common-mode transient immunity (CMTI), which minimizes the impact of fast
common-mode voltage transitions, as described in Section 7.3.2.3. However, system-level filtering and layout
practices are required to further reduce noise coupling and maintain reliable operation.
Effective EMI mitigation is achieved through a combination of local output filtering, signal-path filtering, supply
filtering, and careful layout practices.
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com