Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 28 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 24Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 25Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 26Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 27Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 28Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 29Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 30Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 31Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
8.2 Layout
8.2.1 Layout Guidelines
Proper PCB layout is critical to achieving the full performance of the ISOTMP35R device. Place the device as
close as possible to the heat source to minimize thermal gradients and improve measurement accuracy. The
TSENSE pins must be positioned to provide direct thermal coupling to the heat-generating element.
If the heat source is located on the opposite side of the PCB, implement a small copper area directly beneath
the TSENSE pins and connect the copper area to the heat source using thermal vias. This copper region act as
a local thermal interface, while the vias provide a low thermal resistance path between the heat source and the
sensor. Use multiple vias in close proximity to improve heat transfer.
Place all filtering components, including bypass capacitors and RC filters, as close as possible to the device pins
to minimize parasitic inductance and reduce susceptibility to electromagnetic interference (EMI).
Signal routing must be carefully managed. The VOUT trace must be routed away from high dv/dt switching nodes
and high-current paths, and trace length must be minimized to reduce noise pickup. When long routing distances
are required, additional filtering or buffering is recommended to maintain signal integrity (see Section 8.1.2 for
more details).
A low-impedance ground connection is required. A continuous ground plane provides a stable reference and
reduces noise coupling.
The isolation barrier requires a minimum creepage and clearance distance of 8mm. A minimum of a 2-layer
PCB stackup is recommended. In 4-layer PCB designs, signal routing can be implemented on either the top
or bottom layers. The region beneath the isolation barrier must remain free of conductive elements, including
copper planes, traces, pads, and vias, to maintain the isolation integrity of the device.
See Figure 8-5 for an example of the required keep-out region beneath the device.
Keep this space free
from planes, traces,
pads and vias
10 mils
Figure 8-5. Isolation Barrier Keep-Out Region (Cross-Section View)
8.2.2 Layout Example
Keep space beneath
device free of any planes,
traces, pads and vias
VDD
VOUT
GND
NC
NC
NC
ISOTMP35R
1
2
4
5
6
7
8
9
10
11
12
Heat
High Voltage Heat Source
To ADC Input
To GND Plane
To VDD Plane
Bypass
Capacitor
Load
Capacitor
To GND Plane
3
Isolation
Resistor
Figure 8-6. ISOTMP35R Layout Example
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com