Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 12 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 10Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 11Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 12Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 13Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 14Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Load Capacitance (F)
20
40
60
80
100
120
1p
10p
100p
1n
10n
100n
1
10
100
0
100
200
300
400
500
600
700
800
900
1000
TA = 25°C, ILOAD = 0µA
Figure 6-13. Simulated Phase Margin vs Capacitive
Load for Different RISO Values
Frequency (Hz)
100
1k
10k
100k
1M
10
100
1k
10k
VDD = 3.3V
VDD = 5.0V
VDD = 12V
VDD = 24V
VDD = 28V
VDD = 34V
TA = 25°C, ILOAD = 0µA, CLOAD = 0pF
Figure 6-14. Output Impedance vs Frequency
TA = 25°C, ILOAD = 0µA, CLOAD = 0pF
Figure 6-15. AC PSRR vs Frequency
TA = 25°C, ILOAD = 0µA, CLOAD = 0pF
Figure 6-16. Output Noise Density
Time (
s)
-2
0
2
4
6
8
10
12
14
16
-250
-0.5
0
-0.25
250
0
500
0.25
750
0.5
1000
0.75
1250
1
1500
1.25
VCM SR = 65kV/s
VCM
VOUT
TA = 25°C, VDD = 5.0V, VCM = 750V, ILOAD = 50µA, RISO = 0Ω,
CLOAD = 1nF
Figure 6-17. Common-Mode Transient Response
0
1000
2000
3000
4000
5000
6000
7000
8000
Applied Voltage (V
RMS)
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
Operating Zone
TDDB Line
(< 1DPPM Fail Rate)
~15 Years
TA= 150°C, Working Isolation Voltage = 1060VRMS at 60Hz,
Projected Insulation Lifetime ≥ 15 years
Figure 6-18. Isolation Lifetime Projection
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com