Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 22 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 20Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 21Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 22Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 23Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 24Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 25Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Table 8-1 summarizes the piecewise linear coefficients for each temperature segment. The appropriate set of
coefficients can be selected based on the temperature range of interest to achieve improved accuracy.
Table 8-1. Piecewise Linear Coefficients for Accuracy Improvement
TRANGE (°C)
VRANGE (mV)
TINFL (°C)
TC (mV/°C)
VOFFS (mV)
–40.0 to 10.0
100 to 600
–40.0
9.91
104
10.0 to 70.0
600 to 1200
10.0
9.98
599
70.0 to 150.0
1200 to 2000
70.0
10.02
1198
Table 8-2 provides representative transfer values, including nominal values based on Equation 1, calculated
piecewise linear values derived from Table 8-1, and lookup values based on averaged measured data.
The nominal transfer function provides a simplified implementation for systems that do not require enhanced
accuracy. For improved system-level accuracy, the piecewise or measured lookup values can be used
depending on system requirements.
The values in Table 8-2 are rounded for clarity. A complete lookup table derived from averaged measured data is
available in the ISOTMP35R product folder .
Note
For applications that do not require enhanced typical linearity correction, the nominal transfer function
shown in Equation 1 can be used across the full operating temperature range.
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com