Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 3 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 3 Page - Texas Instruments

  ISOTMP35RDFPR Datasheet HTML 1Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 2Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 3Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 4Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 5Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 6Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 7Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 8Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
4 Device Comparison
Table 4-1. Device Options
Feature / Parameter
ISOTMP35R
ISOTMP35
Sensor Gain
10mV/°C
10mV/°C
Sensor Gain Type
Fixed
Fixed
Operating Temp Range
–40°C to 150°C
–40°C to 150°C
Insulation Specifications
Insulation Grade
Reinforced
Basic
Isolation Working Voltage (max)
1060VRMS
500VRMS
Isolation DC Voltage (max)
1500VDC
707VDC
Withstand Isolation Voltage
5000VRMS
3000VRMS
External Clearance
≥8mm
≥4mm
External Creepage
≥8mm
≥4mm
Power Supply Specifications
Supply Voltage Range (VDD)
3.1V to 34V
2.3V to 5.5V
IQ (typ)
45µA
10µA
Analog Output
Output Voltage Range (VOUT)
0.1V to 2.0V
0.1V to 2.0V
Output Offset at 0°C
500mV
500mV
Output Current (max)
100µA
500µA
Output Impedance (ZOUT)
90Ω at 1kHz
110Ω at 1kHz
Capacitive Load Driver (max)
Phase margin ≥ 45°
2.2nF
1nF
Temperature Accuracy
25°C (typ)
±0.5°C
±0.5°C
–40°C (max)
±3.0°C
±2.5°C
–30°C (max)
±3.0°C
±2.5°C
–25°C (max)
±3.0°C
±2.5°C
–20°C (max)
±3.0°C
±2.5°C
–10°C (max)
±3.0°C
±2.5°C
0°C (max)
±2.0°C
±1.2°C
20°C (max)
±2.0°C
±1.2°C
25°C (max)
±2.0°C
±1.2°C
30°C (max)
±2.0°C
±1.2°C
70°C (max)
±2.0°C
±1.2°C
80°C (max)
±3.0°C
±2.5°C
85°C (max)
±3.0°C
±2.5°C
100°C (max)
±3.0°C
±2.5°C
125°C (max)
±3.0°C
±2.5°C
130°C (max)
±3.0°C
±2.5°C
150°C (max)
±3.0°C
±2.5°C
Packaging Dimension
Dimensions
[mm × mm × mm]
SSOP (12-Pin)
10.30 × 3.60 × 2.65
SOIC (7-Pin)
4.90 × 6.00 × 1.75
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com