Electronic Components Datasheet Search
  English  ▼

X  

ISOTMP35RDFPR Datasheet(PDF) 19 Page - Texas Instruments

Part # ISOTMP35RDFPR
Description  ISOTMP35R ±2.0°C, 5kVRMS Reinforced Isolated, Analog Temperature Sensor (10mV/°C) With Fast Response Time (< 4s) and 1.06kVRMS Working Voltage
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISOTMP35RDFPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISOTMP35RDFPR Datasheet HTML 15Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 16Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 17Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 18Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 19Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 20Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 21Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 22Page - Texas Instruments ISOTMP35RDFPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
7.3.3.2.1 Comparison to NTC Thermistors
Comparison to NTC thermistors highlights the benefit of direct thermal coupling enabled by the ISOTMP35R .
In this test, heat is applied through a high-voltage copper plane connected to the TSENSE pins, while the
low-voltage side remains at 25°C. A temperature step of 100°C (25°C to 125°C) is applied at the heat source.
This condition represents applications where the temperature of interest is localized at the heat source rather
than uniformly distributed across the package.
Figure 7-9 shows the test configurations for the ISOTMP35R and discrete NTC implementations. The
ISOTMP35R is thermally coupled directly to the heat source through the TSENSE pins. In contrast, the NTC
thermistors are positioned approximately 8mm away and rely on heat transfer through PCB material and, in one
configuration, a thermal conductive epoxy.
T = TA = 25°C
Additional thermal
gradient from lower
temperature side
T = TTEST
Heat sourced
through 2oz.
Copper plane
HIGH
VOLTAGE
HV
FR-4 PCB
LV
T = TTEST
Heat sourced
through 2oz.
Copper plane
HIGH
VOLTAGE
HV
FR-4 PCB
LV
MCU/ADC
NTC
HE
Figure 7-9. Test Setup: ISOTMP35R vs NTC
Figure 7-10 shows the measured thermal response of the ISOTMP35R compared to two NTC configurations:
with and without thermal epoxy.
Figure 7-10. Thermal Response Comparison
As summarized in Table 7-2, the ISOTMP35R reaches the final temperature significantly faster and remains
closer to the 125°C reference during the transient response. This behavior results from the direct thermal
coupling through the TSENSE pins, which minimizes thermal resistance between the heat source and the
sensing element.
www.ti.com
ISOTMP35R
SNIS244A – SEPTEMBER 2025 – REVISED MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: ISOTMP35R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com