Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 151 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 151 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 155Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 151 / 155 page
background image
Pre-Production
WM8959
w
PP, May 2008, Rev 3.1
151
APPLICATIONS INFORMATION
SPEAKER SELECTION
For filterless operation, it is important to select a speaker with appropriate internal inductance. The
internal inductance and the speaker's load resistance create a low-pass filter with a cut-off frequency
of:
fc = RL / 2
πL
e.g. for an 8
Ω speaker and required cut-off frequency of 20kHz, the speaker should be chosen to
have an inductance of:
L = RL / 2
πfc = 8Ω / 2π * 20kHz = 64µH
8
Ω speakers typically have an inductance in the range 20µH to 100µH. Care should be taken to
ensure that the cut-off frequency of the speaker's internal filtering is low enough to prevent speaker
damage. The class D outputs of the WM8959 operate at much higher frequencies than is
recommended for most speakers, and the cut-off frequency of the filter should be low enough to
protect the speaker.
Figure 97 Speaker Equivalent Circuit
PCB LAYOUT CONSIDERATIONS
The efficiency of the speaker drivers is affected by the series resistance between the WM8959 and
the speaker (e.g. inductor ESR) as shown in Figure 98. This resistance should be as low as possible
to maximise efficiency.
Figure 98 Speaker Connection Losses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com