Electronic Components Datasheet Search
  English  ▼

X  

WM8959 Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM8959
Description  Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8959 Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM8959 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8959 Datasheet HTML 155Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 152 / 155 page
background image
WM8959
Pre-Production
w
PP, May 2008, Rev 3.1
152
The distance between the WM8959 and the speakers should be kept to a minimum to reduce series
resistance, and also to reduce EMI. Further reductions in EMI can be achieved by additional passive
filtering and/or shielding as shown in Figure 99. When additional passive filtering is used, low ESR
components should be chosen to minimise series resistance between the WM8959 and the speaker,
maximising efficiency.
LC passive filtering will usually be effective at reducing EMI at frequencies up to around 30MHz. To
reduce emissions at higher frequencies, ferrite beads placed as close to the device as possible will
be more effective.
WM8959
SPKP
SPKN
EMI
WM8959
SPKP
SPKN
Short connection reduces EMI
WM8959
SPKP
SPKN
LC Filtering
reduces EMI
LOW ESR
LOW ESR
WM8959
SPKP
SPKN
Shielding using PCB ground
plane (or Vdd) reduces EMI
WM8959
SPKP
SPKN
Ferrite beads reduce EMI
LC filtering is more effective at removing EMI at
frequencies below ~30MHz
Ferrite beads are more effective at removing
EMI at frequencies above ~30MHz
Long, exposed tracks emit more EMI
Figure 99 EMI Reduction Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com