Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 4 Page - Renesas Technology Corp

  RZ/G3S Datasheet HTML 1Page - Renesas Technology Corp RZ/G3S Datasheet HTML 2Page - Renesas Technology Corp RZ/G3S Datasheet HTML 3Page - Renesas Technology Corp RZ/G3S Datasheet HTML 4Page - Renesas Technology Corp RZ/G3S Datasheet HTML 5Page - Renesas Technology Corp RZ/G3S Datasheet HTML 6Page - Renesas Technology Corp RZ/G3S Datasheet HTML 7Page - Renesas Technology Corp RZ/G3S Datasheet HTML 8Page - Renesas Technology Corp RZ/G3S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
RZ/G3S Group
1. Overview
R01DS0489EJ0120
Rev.1.20
Page 4 of 88
May 29, 2026
1.1.4
External Memory Interface
Item
Description
External Bus Controller for DDR4
/ LPDDR4 SDRAM
(DDR)
● Support DDR4-1600 / LPDDR4-1600
● Bus Width: 16-bit
● In line ECC supported (Support error detection interrupt)
● Memory Size: Up to 4 Gbytes (DDR4), 1 Gbytes (LPDDR4)
● Auto Refresh / Self Refresh supported
● On-The-Fly Decryption / Encryption supported
eXpanded Serial Peripheral
Interface (xSPI)
● 1 channel
● Up to 2 serial flash memories can be connected
● Connectable with 2 Quad-SPI flash memories
● Connectable with 2 Octal-SPI flash memories
● Connectable with 2 Octal-RAMs
● External address space read mode (built-in read cache)
● SPI operation mode
● Maximum Clock Frequency: 66 MHz (Single-SPI / Quad-SPI, SDR, 1.8 V / 3.3 V), 133 MHz
(Octal-SPI / OctaFlash / OctaRAM, DDR, 1.8 V)
● On-The-Fly Decryption / Encryption supported
Octa Memory Controller
● Macronix Serial Multi I/O (MXSMIO®) Octa Peripheral Interface (OPI) for high-end consumer
applications is supported.
● One each of an OctaFlash device and an OctaRAM device compliant with the OPI
specifications are connectable.
● A chip select signal is assigned to each memory device (OM_CS0#: OctaFlash; OM_CS1#:
OctaRAM).
● Supported device interfaces
SPI:
Serial peripheral interface (OctaFlash, SPI mode)
SOPI:
Single Octa I/O (8 bits) (OctaFlash, single data rate)
DOPI:
Double Octa I/O (8 bits) (OctaFlash and OctaRAM, double data rate)
● On-The-Fly Decryption / Encryption supported
SD Card Host Interface /
Multimedia Card Interface
(SD/MMC)
● 3 channels
● Channel 0 supports SDHI / e-MMC (boot supported)
● Channel 1 and 2 support SDHI
(Channel 1: Dedicated pin, Channel 2: Multiplexed pin, 3.3 V only)
● SD memory I/O card interface (1-bit/4-bit SD bus)
● SD, SDHC and SDXC SD memory card access supported
● Compliant with SD 3.0
● Default, high-speed, UHS-I/SDR50, SDR104 transfer modes supported
● Error check function: CRC7 (Command/response), CRC16 (Data)
● Card detection function, write protect supported
● MMC interface (1-bit/4-bit/8-bit MMC bus)
● e-MMC device access supported
● Compliant with eMMC 4.51
● High-speed, HS200 transfer modes supported (SD clock (SD_CLK) frequency: Up to 125 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com