Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 6Page - Renesas Technology Corp RZ/G3S Datasheet HTML 7Page - Renesas Technology Corp RZ/G3S Datasheet HTML 8Page - Renesas Technology Corp RZ/G3S Datasheet HTML 9Page - Renesas Technology Corp RZ/G3S Datasheet HTML 10Page - Renesas Technology Corp RZ/G3S Datasheet HTML 11Page - Renesas Technology Corp RZ/G3S Datasheet HTML 12Page - Renesas Technology Corp RZ/G3S Datasheet HTML 13Page - Renesas Technology Corp RZ/G3S Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
RZ/G3S Group
1. Overview
R01DS0489EJ0120
Rev.1.20
Page 10 of 88
May 29, 2026
1.1.9
Security
Item
Description
Renesas Security IP (RSIP-E01B)
[option]
● Security algorism
– Common key encryption: AES (compliant with NIST FIPS PUB 197)
– Non-common key encryption: RSA, ECC
● Other features
– TRNG (true-random number generator)
– Hash value generation: SHA-1, SHA-224, SHA-256
– Support of Unique ID
One Time Programmable memory
(OTP)
● A nonvolatile memory that can be written only once
● Security setting, authentication setting are possible
● Support one time read function (128 bytes)
Battery Backup Function
● Realtime clock
● Backup register
● Tamper detection
1.1.10
Analog
Item
Description
A/D Converter
(ADC)
● 8 channels
● Resolution: 12-bit
● Input Range: 0 V to 1.8 V
● Conversion Time: 1.0 µs
● Operation Mode: Select mode / scan mode
● Conversion Mode: Single mode / repeat mode
● Condition for A/D conversion start
– Software trigger
– Asynchronous trigger: External trigger supported
– Synchronous trigger: MTU and PWM timer
1.1.11
Others
Item
Description
Boundary Scan
● Boundary scan based on IEEE 1149.1 via JTAG interface is supported.
Note that some module pins are not available on this boundary scan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com