Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 45Page - Renesas Technology Corp RZ/G3S Datasheet HTML 46Page - Renesas Technology Corp RZ/G3S Datasheet HTML 47Page - Renesas Technology Corp RZ/G3S Datasheet HTML 48Page - Renesas Technology Corp RZ/G3S Datasheet HTML 49Page - Renesas Technology Corp RZ/G3S Datasheet HTML 50Page - Renesas Technology Corp RZ/G3S Datasheet HTML 51Page - Renesas Technology Corp RZ/G3S Datasheet HTML 52Page - Renesas Technology Corp RZ/G3S Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 49 of 88
May 29, 2026
3.5.9
Serial Sound Interface (SSIF-2) Access Timing
Table 3.30
SSIF-2 Timing
Item
I/O
Symbol
Min.
Max.
Unit
Figures
Output clock cycle
Output
tO
80
64000
ns
Figure 3.33
Input clock cycle
Input
tI
80
—
ns
Clock high
Bidirectional
tHC
32
—
ns
Clock low
tLC
32
—
ns
Clock rise time/clock fall time
Output
tRC/tFC
—
25
ns
Setup time
Input
tSR
25
—
ns
Figure 3.34,
Figure 3.35,
Figure 3.36
Hold time
tHR
5
—
ns
SILRCK output delay time
Output
tDTR
−5
25
ns
Data output delay time
(Noise canceler not in use)
tDTR
−5
25
ns
Data output delay time
(Noise canceler in use)
tDTR
10
50
ns
Note:
AC access timing condition: drive ability IOLH_xx[1:0] = 10b, output load 30 pF
SSIn_BCK
tHC
tLC
tRC
tFC
tO, tI
Figure 3.33
Bit Clock Input/Output Timing
SSIn_RCK (input),
SSIn_RXD
SSIn_BCK
SSIn_RCK (output),
SSIn_TXD
tHR
tSR
tDTR
Figure 3.34
Transmission and Reception Timing (SSIBCK Falling Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com