Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 18Page - Renesas Technology Corp RZ/G3S Datasheet HTML 19Page - Renesas Technology Corp RZ/G3S Datasheet HTML 20Page - Renesas Technology Corp RZ/G3S Datasheet HTML 21Page - Renesas Technology Corp RZ/G3S Datasheet HTML 22Page - Renesas Technology Corp RZ/G3S Datasheet HTML 23Page - Renesas Technology Corp RZ/G3S Datasheet HTML 24Page - Renesas Technology Corp RZ/G3S Datasheet HTML 25Page - Renesas Technology Corp RZ/G3S Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 22 of 88
May 29, 2026
3.4
DC Characteristics
Table 3.3
DC Characteristics (1) [GP I/O (3.3 V)]
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
High-level input voltage
VIH
2
—
—
V
Low-level input voltage
VIL
—
—
0.8
V
Hysteresis threshold
↑
VT+
2.1
—
—
V
Hysteresis threshold
↓
VT
−
—
—
0.7
V
Output logic high
voltage
(IOH = –1.9 mA)
VOH
VCCQ – 0.4
—
—
V
(IOH = –4 mA)
(IOH = –8 mA)
(IOH = –9 mA)
Output logic low
voltage
(IOL = 1.9 mA)
VOL
—
—
0.4
V
(IOL = 4 mA)
(IOL = 8 mA)
(IOL = 9 mA)
Weak pull-up resistor (input mode)
RUP
10 K
50 K
90 K
Ω
Weak pull-down resistor (input mode)
RDN
10 K
50 K
90 K
Ω
Input leakage current
ILI
—
—
10
µA
0V
≤ V
in
≤ PV
DD33
In case of 3state
buffer, the leak
current when output
mode OFF
Note:
Vin means input voltage of external input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com