Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 24Page - Renesas Technology Corp RZ/G3S Datasheet HTML 25Page - Renesas Technology Corp RZ/G3S Datasheet HTML 26Page - Renesas Technology Corp RZ/G3S Datasheet HTML 27Page - Renesas Technology Corp RZ/G3S Datasheet HTML 28Page - Renesas Technology Corp RZ/G3S Datasheet HTML 29Page - Renesas Technology Corp RZ/G3S Datasheet HTML 30Page - Renesas Technology Corp RZ/G3S Datasheet HTML 31Page - Renesas Technology Corp RZ/G3S Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 28 of 88
May 29, 2026
3.5
AC Characteristics
Conditions:
VBATT_VDD = 1.50 to 1.95 V, VDD = PLL16/23/4_AVDD = 0.905 to 0.99 V,
PVDD33 = 3.0 to 3.6 V, PVDD18 = ADC_AVDD18 = OTP_AVDD18 = 1.65 to 1.95 V,
JTAG_PVDD = 1.65 to 1.95 V, XSPI_PVDD = 1.65 to 1.95 V / 3.0 to 3.6 V,
I3C_PVDD = 1.1 to 1.3 V / 1.65 to 1.95 V, VDD_ISO = PCIE_VDD09 = 0.905 to 0.99 V,
SDn_PVDD (n = 0, 1) = 1.65 to 1.95 V / 3.0 to 3.6 V,
PVDD182533_n (n = 0, 1) = 1.65 to 1.95 V / 2.3 to 2.7 V / 3.0 to 3.6 V,
USB_VDD33 = 3.0 to 3.6 V, USB_AVDD18 = USB_VDD18 = PCIE_VDD18 = 1.65 to 1.95 V,
DDR_VAA = 1.65 to 1.95 V, DDR_VDDQ = 1.06 to 1.17 V (LPDDR4) / 1.14 to 1.26 V (DDR4),
USB_VSS = 0 V, VSS = 0 V, Ta
= −40 to +85℃, T
j
= −40 to +125℃
3.5.1
Clock Timing
Table 3.13
Clock Timing Table
Item
Symbol
Min.
Max.
Unit
Figures
XIN clock input frequency
fEX
24 – 50ppm*1
24 + 50ppm*1
MHz
Figure 3.6
XIN clock input cycle time
tEXcyc
41.67
41.67
ns
AUDIO_CLK1, AUDIO_CLK2 clock input frequency
(external clock is input)
fEX
10
50
MHz
AUDIO_CLK1, AUDIO_CLK2 clock input cycle time
(external clock is input)
tEXcyc
20
100
ns
XIN, AUDIO_CLK1, AUDIO_CLK2
clock input low level pulse width
tEXL
0.4
0.6
tEXcyc
XIN, AUDIO_CLK1, AUDIO_CLK2
clock input high level pulse width
tEXH
0.4
0.6
tEXcyc
XIN, AUDIO_CLK1, AUDIO_CLK2
clock input rise time
tEXr
—
4
ns
XIN, AUDIO_CLK1, AUDIO_CLK2
clock input fall time
tEXf
—
4
ns
Oscillator stabilization time
tOSC
—
2
ms
Figure 3.7,
Figure 3.8
Mode hold time
tMDH
—
12
µs
Mode setup time
tMDS
—
0
µs
Note 1.
When using RGMII interface. If not using RGMII mode, this spec is ±100 ppm.
1/2 PVDD
XIN,
AUDIO_CLK1,
AUDIO_CLK2
(input)
tEXcyc
tEXH
tEXL
VIH
VIH
VIL
VIL
VIH
1/2 PVDD
tEXf
tEXr
Note:
When the clock is input on the EXCLK, AUDIO_CLK1 or AUDIO_CLK2
Figure 3.6
EXCLK, AUDIO_CLK1 and AUDIO_CLK2 Clock Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com