Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 68Page - Renesas Technology Corp RZ/G3S Datasheet HTML 69Page - Renesas Technology Corp RZ/G3S Datasheet HTML 70Page - Renesas Technology Corp RZ/G3S Datasheet HTML 71Page - Renesas Technology Corp RZ/G3S Datasheet HTML 72Page - Renesas Technology Corp RZ/G3S Datasheet HTML 73Page - Renesas Technology Corp RZ/G3S Datasheet HTML 74Page - Renesas Technology Corp RZ/G3S Datasheet HTML 75Page - Renesas Technology Corp RZ/G3S Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 72 of 88
May 29, 2026
3.5.19
Renesas Serial Peripheral Interface (RSPI) Access Timing
Table 3.42
Renesas Serial Peripheral Interface Timing
Item
Symbol
Min.
Max.
Unit
Figure
RSPCK clock cycle
Master
tSPcyc
2
4096
tp1cyc*
1
Figure 3.60
Slave
8
4096
RSPCK clock high pulse width
Master
tSPCKWH
0.4
—
tSPcyc*
1
Slave
0.4
—
RSPCK clock low pulse width
Master
tSPCKWL
0.4
—
tSPcyc*
1
Slave
0.4
—
Data input setup time
Master
tSU
10
—
ns
Figure 3.61 to
Figure 3.64
Slave
0
—
tp1cyc*
1
Data input hold time
Master
tH
0
—
ns
Slave
4
—
tp1cyc*
1
SSL setup time
Master
tLEAD
1 × tSPcyc
− 20
8 × tSPcyc
ns
Slave
4
—
tp1cyc*
1
SSL hold time
Master
tLAG
1 × tSPcyc
8 × tSPcyc + 20
ns
Slave
4
—
tp1cyc*
1
Data output delay time
Master
tOD
—
19
ns
Slave
—
4
tp1cyc*
1
Data output hold time
Master
tOH
5
—
ns
Slave
2
—
tp1cyc*
1
Continuous transmission delay time
Master
tTD
1 × tSPcyc + 2 × tcyc
8 × tSPcyc + 2 × tcyc
ns
Slave
4 × tcyc
—
Slave access time
tSA
—
4
tp1cyc*
1
Figure 3.63,
Figure 3.64
Slave out release time
tREL
—
3
tp1cyc*
1
Note:
AC access timing condition: drive ability IOLH_xx[1:0] = 11b, output load 30 pF
Note 1.
tp1cyc indicates peripheral clock means RSPIn_CLKB (P0
ϕ) (0 to 4).
RSPIn_CK
slave select input
tSPCKWH
RSPIn_CK
master select output
tSPCKWL
tSPcyc
VIL
VIH
VIH
VIL
tSPCKWH
tSPCKWL
tSPcyc
VOL
VOH
VOH
VOL
Note:
n = 0 to 2
Figure 3.60
Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com