Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 5 Page - Renesas Technology Corp

  RZ/G3S Datasheet HTML 1Page - Renesas Technology Corp RZ/G3S Datasheet HTML 2Page - Renesas Technology Corp RZ/G3S Datasheet HTML 3Page - Renesas Technology Corp RZ/G3S Datasheet HTML 4Page - Renesas Technology Corp RZ/G3S Datasheet HTML 5Page - Renesas Technology Corp RZ/G3S Datasheet HTML 6Page - Renesas Technology Corp RZ/G3S Datasheet HTML 7Page - Renesas Technology Corp RZ/G3S Datasheet HTML 8Page - Renesas Technology Corp RZ/G3S Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
RZ/G3S Group
1. Overview
R01DS0489EJ0120
Rev.1.20
Page 5 of 88
May 29, 2026
1.1.5
Sound Interface
Item
Description
Serial Sound Interface
(SSI)
● 4 channels bidirectional serial transfer
● 2 external clock sources available
● Full Duplex communication
● Support of I2S / Monaural / TDM audio formats
● Support of master and slave functions
● Generation of programmable word clock and bit clock
● Multi-channel formats
● Support of 8, 16, 18, 20, 22, 24, and 32-bit data formats
● Support of 32-stage FIFO for transmission and reception
● Support of LR-clock continue function in which the LR-clock signal is not stopped
Pulse Density Modulated (PDM)
Interface
● 3 channels
● Capable of filtering 1-bit digital input data PDM_DATn (n = 0,..,2) and converting them into 20-
bit or 16-bit digital data.
● Support of stereo microphone (L/R sampling by rising/falling clock edge).
● Support of sound activity detector.
● Support of programmable filters: 4th order sinc filter, high-pass filter (for suppression of DC
bias), correction filter (for sinc passband distortion), half-band decimation filter (for aliasing
distortion).
● Internal buffer: Capable of storing voice data during low power mode
SPDIF
● Supports the IEC 60958 standard (stereo and consumer use modes only).
● Supports sampling frequencies of 32 kHz, 44.1 kHz, and 48 kHz.
● Supports audio word sizes of 16 to 24 bits per sample.
● Biphase mark encoding.
● Double buffered data.
● Parity encoded serial data.
● Simultaneous transmit and receive
● Receiver autodetects IEC 61937 compressed mode data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com