Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3S Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RZ/G3S
Description  RZ 32 & 64-bit MPUs, RZ/G Series
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3S Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RZ/G3S Datasheet HTML 17Page - Renesas Technology Corp RZ/G3S Datasheet HTML 18Page - Renesas Technology Corp RZ/G3S Datasheet HTML 19Page - Renesas Technology Corp RZ/G3S Datasheet HTML 20Page - Renesas Technology Corp RZ/G3S Datasheet HTML 21Page - Renesas Technology Corp RZ/G3S Datasheet HTML 22Page - Renesas Technology Corp RZ/G3S Datasheet HTML 23Page - Renesas Technology Corp RZ/G3S Datasheet HTML 24Page - Renesas Technology Corp RZ/G3S Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
RZ/G3S Group
3. Electrical Characteristics
R01DS0489EJ0120
Rev.1.20
Page 21 of 88
May 29, 2026
(*1)
(*1)
(*2)
(*3)
(*3)
(*2)
VBATT
0.9V
1.8V
1.1V/1.2V
PRST#
1.5V
1.8V/3.3V
1.2V
3.3V
0.9V
USB_VDD18
USB_AVDD18
PCIE_VDD18
USB_VDD33
1.8V
PVDD18
OTP_AVDD18
ADC_AVDD18
SD0/1_PVDD
ETHER0/1_PVDD
1.8V/3.3V
2.5V
DDR_VDDQ
VBATT_VDD
1.8V
DDR_VAA
VBATTRESET#
VDD_ISO
PCIE_VDD09
G1
G5
G3
G4
G9
G8
G2
G7
G6
G10
ALL_ON
ALL_ON
High
High
High
(*7)
(*7)
< 100msec (Max)
< 100msec (Max)
> 2msec (Min)
(*6)
(*4)
(*5)
PVDD33, JTAG_PVDD
XSPI_PVDD(1.8/3.3V)
I3C_PVDD(1.2/1.8V)
VDD,
PLL16/23/4_AVDD
Note 1.
G3 must be powered off before G2, G5 and powered on after G2, G5. G3 and G7 can be powered on/off at the same time.
Note 2.
G4, G6 must be powered off before G3 and powered on after G3.
Note 3.
G8 must be powered off before G7 and powered on after G7.
Note 4.
It is recommended that all the power domains are powered on or off within approximately 100 msec.
Note 5.
PRST# must be High after 2 msec from VDD (G2) power on.
Note 6.
PRST# must be changed to Low before powered off.
Note 7.
G5 must be powered off before G2 and powered on after G2.
Figure 3.4
Power-On/Power-Off Sequence 4 (ALL_ON to VBATT, VBATT to ALL_ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com